Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW30N100R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IHW30N100R
Description  Soft Switching Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW30N100R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IHW30N100R Datasheet HTML 4Page - Infineon Technologies AG IHW30N100R Datasheet HTML 5Page - Infineon Technologies AG IHW30N100R Datasheet HTML 6Page - Infineon Technologies AG IHW30N100R Datasheet HTML 7Page - Infineon Technologies AG IHW30N100R Datasheet HTML 8Page - Infineon Technologies AG IHW30N100R Datasheet HTML 9Page - Infineon Technologies AG IHW30N100R Datasheet HTML 10Page - Infineon Technologies AG IHW30N100R Datasheet HTML 11Page - Infineon Technologies AG IHW30N100R Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IHW30N100R
Soft Switching Series
q
Power Semiconductors
10
Rev. 2.2 Nov 08
5.44
0.55
6.04
5.49
1.68
3.68
4.17
20.82
16.25
15.70
1.05
3.50
19.80
13.10
3
MIN
1.90
4.90
2.27
1.07
1.85
1.90
0.238
0.216
0.066
0.145
0.164
0.075
0.820
0.640
0.618
0.022
0.193
0.089
0.042
0.073
0.041
0.075
0.138
0.780
0.516
0.68
6.30
6.00
17.65
2.60
5.10
14.15
3.70
21.10
16.03
20.31
1.35
4.47
2.41
5.16
2.53
1.33
2.11
MAX
2.16
0.027
0.214
3
0.248
0.236
0.695
0.557
0.102
0.201
0.831
0.631
0.053
0.146
0.799
0.176
MIN
MAX
0.095
0.203
0.099
0.052
0.083
0.085
0
7.5mm
5 5
0
17-12-2007
03
Z8B00003327
2.87
2.87
0.113
0.113
3.38
3.13
0.133
0.123
M
M
PG-TO247-3


Similar Part No. - IHW30N100R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW30N100R INFINEON-IHW30N100R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2 July 06
IHW30N100R INFINEON-IHW30N100R Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - IHW30N100R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20T120 INFINEON-IHW20T120 Datasheet
320Kb / 14P
   Soft Switching Series
Rev. 2 Apr-04
IHW30N90T INFINEON-IHW30N90T_08 Datasheet
293Kb / 12P
   Soft Switching Series
Rev. 2.3 Nov 08
IHW30N60T INFINEON-IHW30N60T_08 Datasheet
365Kb / 12P
   Soft Switching Series
Rev. 2.2 Sep. 08
IHW30N100T INFINEON-IHW30N100T_08 Datasheet
318Kb / 12P
   Soft Switching Series
Rev. 2.7 Nov 08
IHW30N120R2 INFINEON-IHW30N120R2_09 Datasheet
363Kb / 12P
   Soft Switching Series
Rev. 1.5 Dec. 09
IHW40T120 INFINEON-IHW40T120_08 Datasheet
360Kb / 14P
   Soft Switching Series
Rev. 2.3 Sep 08
logo
MIC GROUP RECTIFIERS
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com