Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2361A Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # XC2361A
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2361A Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button XC2361A Datasheet HTML 10Page - Infineon Technologies AG XC2361A Datasheet HTML 11Page - Infineon Technologies AG XC2361A Datasheet HTML 12Page - Infineon Technologies AG XC2361A Datasheet HTML 13Page - Infineon Technologies AG XC2361A Datasheet HTML 14Page - Infineon Technologies AG XC2361A Datasheet HTML 15Page - Infineon Technologies AG XC2361A Datasheet HTML 16Page - Infineon Technologies AG XC2361A Datasheet HTML 17Page - Infineon Technologies AG XC2361A Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
XC2361A, XC2363A, XC2364A, XC2365A
XC2000 Family Derivatives / Base Line
General Device Information
Data Sheet
14
V2.0, 2009-03
Key to Pin Definitions
Ctrl.: The output signal for a port pin is selected by bitfield PC in the associated
register Px_IOCRy. Output O0 is selected by setting the respective bitfield PC to
1x00B, output O1 is selected by 1x01B, etc.
Output signal OH is controlled by hardware.
Type: Indicates the pad type and its power supply domain (A, B, M, 1)
– St: Standard pad
– Sp: Special pad
– DP: Double pad - can be used as standard or high-speed pad
– In: Input only pad
– PS: Power supply pad
Table 5
Pin Definitions and Functions
Pin
Symbol
Ctrl.
Type Function
3
TESTM
IIn/B
Testmode Enable
Enables factory test modes, must be held HIGH for
normal operation (connect to
V
DDPB).
An internal pullup device will hold this pin high
when nothing is driving it.
4
P7.2
O0 / I St/B
Bit 2 of Port 7, General Purpose Input/Output
EMUX0
O1
St/B
External Analog MUX Control Output 0 (ADC1)
TDI_C
I
St/B
JTAG Test Data Input
5TRST
IIn/B
Test-System Reset Input
For normal system operation, pin TRST should be
held low. A high level at this pin at the rising edge
of PORST activates the XC236xA’s debug system.
In this case, pin TRST must be driven low once to
reset the debug system.
An internal pulldown device will hold this pin low
when nothing is driving it.
6
P7.0
O0 / I St/B
Bit 0 of Port 7, General Purpose Input/Output
T3OUT
O1
St/B
GPT12E Timer T3 Toggle Latch Output
T6OUT
O2
St/B
GPT12E Timer T6 Toggle Latch Output
TDO_A
OH / I St/B
JTAG Test Data Output / DAP1 Input/Output
ESR2_1
I
St/B
ESR2 Trigger Input 1


Similar Part No. - XC2361A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2361A INFINEON-XC2361A Datasheet
3Mb / 127P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.12 2014-06
XC2361A INFINEON-XC2361A_15 Datasheet
3Mb / 127P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.12 2014-06
More results

Similar Description - XC2361A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com