Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGW15T120 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IGW15T120
Description  TrenchStop Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGW15T120 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IGW15T120 Datasheet HTML 4Page - Infineon Technologies AG IGW15T120 Datasheet HTML 5Page - Infineon Technologies AG IGW15T120 Datasheet HTML 6Page - Infineon Technologies AG IGW15T120 Datasheet HTML 7Page - Infineon Technologies AG IGW15T120 Datasheet HTML 8Page - Infineon Technologies AG IGW15T120 Datasheet HTML 9Page - Infineon Technologies AG IGW15T120 Datasheet HTML 10Page - Infineon Technologies AG IGW15T120 Datasheet HTML 11Page - Infineon Technologies AG IGW15T120 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IGW15T120
TrenchStop® Series
Power Semiconductors
9
Rev. 2.5
Nov. 09
0V
200V
400V
600V
0A
10A
20A
30A
1.5us
1us
0.5us
0us
I
C
V
CE
0V
200V
400V
600V
0A
10A
20A
30A
1.5us
1us
0.5us
0us
I
C
V
CE
t, TIME
t, TIME
Figure 21. Typical turn on behavior
(VGE=0/15V, RG=56Ω, Tj = 150°C,
Dynamic test circuit in Figure E)
Figure 22. Typical turn off behavior
(VGE=15/0V, RG=56Ω, Tj = 150°C,
Dynamic test circuit in Figure E)
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
Figure 23. IGBT transient thermal resistance
(D = tp / T)
R
,( K / W )
τ , (s )
0.121
1.73*10
-1
0.372
2.75*10
-2
0.381
2.57*10
-3
0.226
2.71*10
-4
C 1=τ1/R1
R1
R2
C 2=τ2/R2


Similar Part No. - IGW15T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
   Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
More results

Similar Description - IGW15T120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW15T120 INFINEON-IKW15T120_08 Datasheet
369Kb / 15P
   TrenchStop Series
Rev. 2.3 Sep 08
IKW25T120 INFINEON-IKW25T120 Datasheet
450Kb / 15P
   TRENCHSTOP SERIES
Rev. 1 Jul-02
IKP10N60T INFINEON-IKP10N60T_07 Datasheet
352Kb / 13P
   TrenchStop Series
Rev. 2.3 Sep. 07
IGU04N60T INFINEON-IGU04N60T Datasheet
349Kb / 12P
   IGBT in TRENCHSTOP technology
Rev. 2.0 24.02.2014
logo
Vincotech
10-0B06PRA004RC-L022C09 VINCOTECH-10-0B06PRA004RC-L022C09 Datasheet
1Mb / 17P
   IGBT in TRENCHSTOP RC technology
logo
Infineon Technologies A...
IGB50N60T INFINEON-IGB50N60T_09 Datasheet
467Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.5 04.03.2009
IGD06N60T INFINEON-IGD06N60T Datasheet
460Kb / 12P
   IGBT in TRENCHSTOP and Fieldstop technology
Rev. 2.2, 20.09.2013
IGB30N60T INFINEON-IGB30N60T_09 Datasheet
465Kb / 12P
   Low Loss IGBT in TrenchStop technology
Rev. 2.3 04.03.2009
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
logo
Vishay Siliconix
VS-50MT060TFT VISHAY-VS-50MT060TFT Datasheet
532Kb / 9P
   Full Bridge TrenchStop IGBT, MTP Power Modules
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com