Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGC142T120T6RH Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IGC142T120T6RH
Description  IGBT4 High Power Chip
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGC142T120T6RH Datasheet(HTML) 1 Page - Infineon Technologies AG

  IGC142T120T6RH Datasheet HTML 1Page - Infineon Technologies AG IGC142T120T6RH Datasheet HTML 2Page - Infineon Technologies AG IGC142T120T6RH Datasheet HTML 3Page - Infineon Technologies AG IGC142T120T6RH Datasheet HTML 4Page - Infineon Technologies AG IGC142T120T6RH Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IGC142T120T6RH
Edited by IN FINEON Technologies , AIM PMD D CID CLS , L7693A, Edition 1 , 31.10 .2007
IGBT4 High Power Chip
This chip is used for:
medium / high power modules
FEATURES:
1200V Trench + Field Stop technology
low VCEsat
soft turn off
positive temperature coefficient
easy paralleling
Applications:
medium / high power drives
G
C
E
Chip Type
VCE
ICn
Die Size
Package
IGC142T120T6RH
1200V 150A
11.31 x 12.56 mm
2
sawn on foil
MECHANICAL PARAMETER
Raster size
11.31 x 12.56
Emitter pad size (incl. gate pad)
11.04 x 9.80
Gate pad size
1.31 x 0.81
Area total / active
142.1 / 113.1
mm
2
Thickness
140
µm
Wafer size
150
mm
Flat position
90
grd
Max.possible chips per wafer
94
Passivation frontside
Photoimide
Pad metal
3200 nm AlSiCu
Backside metal
Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al, <500µm
Reject ink dot size
∅ 0.65mm ; max 1.2mm
Recommended storage environment
Store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


Similar Part No. - IGC142T120T6RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC142T120T6RL INFINEON-IGC142T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC142T120T6RM INFINEON-IGC142T120T6RM Datasheet
74Kb / 5P
   IGBT4 Medium Power Chip
Edition 1, 31.10.2007
More results

Similar Description - IGC142T120T6RH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC99T120T6RH INFINEON-IGC99T120T6RH Datasheet
75Kb / 5P
   IGBT4 High Power Chip
Edition 0.9 , 24.11.2006
IGC109T120T6RH INFINEON-IGC109T120T6RH Datasheet
73Kb / 5P
   IGBT4 High Power Chip
Edition 1, 31.10.2007
IGC36T120T6L INFINEON-IGC36T120T6L Datasheet
73Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC50T120T6RL INFINEON-IGC50T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC70T120T6RL INFINEON-IGC70T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC18T120T6L INFINEON-IGC18T120T6L Datasheet
73Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC99T120T6RM INFINEON-IGC99T120T6RM Datasheet
75Kb / 5P
   IGBT4 Medium Power Chip
Editi on 1, 31.10.2007
IGC13T120T6L INFINEON-IGC13T120T6L Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC109T120T6RL INFINEON-IGC109T120T6RL Datasheet
71Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC142T120T6RL INFINEON-IGC142T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com