Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGC18T120T6L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IGC18T120T6L
Description  IGBT4 Low Power Chip
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGC18T120T6L Datasheet(HTML) 3 Page - Infineon Technologies AG

  IGC18T120T6L Datasheet HTML 1Page - Infineon Technologies AG IGC18T120T6L Datasheet HTML 2Page - Infineon Technologies AG IGC18T120T6L Datasheet HTML 3Page - Infineon Technologies AG IGC18T120T6L Datasheet HTML 4Page - Infineon Technologies AG IGC18T120T6L Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IGC18T120T6L
Edited by IN FINEON Technologies , AIM PMD D CID CLS , L7633C, Edition 1, 31.10.2007
SWITCHING CHARACTERISTICS inductive load (not subject to production test - verified by design
/characterization)
Value
Parameter
Symbol
Conditions
1)
min.
typ.
max.
Unit
Turn-on delay time
td(on)
tbd
Rise time
tr
tbd
Turn-off delay time
td(off)
tbd
Fall time
tf
T j =125°C
VCC=600V,
I C=15 A,
VGE =- 15/15V,
R G= ---
tbd
ns
1) values also influenced by parasitic L- and C- in measurement and package.


Similar Part No. - IGC18T120T6L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC18T120T8L INFINEON-IGC18T120T8L Datasheet
314Kb / 9P
   TRENCHSTOPTM IGBT4 Low Power Chip
Rev. 2.1, 20.08.2015
IGC18T120T8Q INFINEON-IGC18T120T8Q Datasheet
312Kb / 9P
   TRENCHSTOPTM IGBT4 High Speed Chi
Rev. 2.0, 13.10.2015
More results

Similar Description - IGC18T120T6L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC36T120T6L INFINEON-IGC36T120T6L Datasheet
73Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC50T120T6RL INFINEON-IGC50T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC70T120T6RL INFINEON-IGC70T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC13T120T6L INFINEON-IGC13T120T6L Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC109T120T6RL INFINEON-IGC109T120T6RL Datasheet
71Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC142T120T6RL INFINEON-IGC142T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC07T120T6L INFINEON-IGC07T120T6L Datasheet
76Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC27T120T6L INFINEON-IGC27T120T6L Datasheet
74Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC99T120T6RL INFINEON-IGC99T120T6RL Datasheet
75Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
IGC11T120T6L INFINEON-IGC11T120T6L Datasheet
76Kb / 5P
   IGBT4 Low Power Chip
Edition 1, 31.10.2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com