Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17007A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17007A
Description  Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17007A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17007A Datasheet HTML 6Page - Maxim Integrated Products MAX17007A Datasheet HTML 7Page - Maxim Integrated Products MAX17007A Datasheet HTML 8Page - Maxim Integrated Products MAX17007A Datasheet HTML 9Page - Maxim Integrated Products MAX17007A Datasheet HTML 10Page - Maxim Integrated Products MAX17007A Datasheet HTML 11Page - Maxim Integrated Products MAX17007A Datasheet HTML 12Page - Maxim Integrated Products MAX17007A Datasheet HTML 13Page - Maxim Integrated Products MAX17007A Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Dual and Combinable QPWM Graphics
Core Controllers for Notebook Computers
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 12V, VDD = 5V, SKIP = GND, TA = +25°C, unless otherwise noted.)
SMPS1 STARTUP WAVEFORM
(HEAVY LOAD)
MAX17007A toc19
200
µs/div
A
B
E
F
G
C
D
5V
A. EN1, 5V/div
B. REF, 2V/div
C. VOUT1, 500mV/div
D. ILX1, 10A/div
E. PGOOD1, 10V/div
F. LX1, 10V/div
G. DL1, 10V/div
0
2V
5V
0
12V
0
5V
0
0
1.05V
0
8A
IOUT1 = 8A
SMPS1 STARTUP WAVEFORM
(LIGHT LOAD)
MAX17007A toc20
200
µs/div
A
B
E
F
G
C
D
5V
A. EN1, 5V/div
B. REF, 2V/div
C. VOUT1, 500mV/div
D. ILX1, 5A/div
SKIP = 5V
IOUT1 = 2A
E. PGOOD1, 10V/div
F. LX1, 10V/div
G. DL1, 10V/div
0
2V
0
1.05V
0
2A
0
5V
0
5V
0
0
12V
SMPS1 SHUTDOWN WAVEFORM
MAX17007A toc21
200
µs/div
A
B
E
F
G
C
D
5V
A. EN1, 5V/div
B. REF, 5V/div
C. VOUT1, 500mV/div
D. ILX1, 5A/div
E. PGOOD1, 10V/div
F. LX1, 10V/div
G. DL1, 10V/div
IOUT1 = 0.5A
SKIP = GND
0
2V
1.05V
0
0
0
5V
0
5V
0
12V
SMPS2 LOAD-TRANSIENT RESPONSE
(PWM MODE)
MAX17007A toc22
20
µs/div
A
B
C
A. VOUT2, 50mV/div
B. ILX2, 10A/div
C. LX2, 10V/div
1.5V
10A
2A
12V
0
IOUT2 = 2A TO 10A TO 2A
SKIP = 5V
SMPS2 LOAD-TRANSIENT RESPONSE
(SKIP MODE)
MAX17007A toc23
20
µs/div
A
B
C
A. VOUT2, 50mV/div
B. ILX2, 10A/div
C. LX2, 10V/div
1.5V
8A
0A
12V
0
IOUT2 = 0.5A TO 8.5A TO 0.5A
SKIP = GND
SMPS1 OUTPUT OVERLOAD WAVEFORM
MAX17007A toc24
200
µs/div
A
B
E
C
D
IOUT1 = 2A TO 15A
A. VOUT1, 500mV/div
B. ILX1, 10A/div
C. LX1, 10V/div
1.05V
10A
2A
5V
0
5V
12V
0
0
D. PGOOD1, 5V/div
E. DL1, 5V/div
SMPS1 OUTPUT OVERVOLTAGE
WAVEFORM
MAX17007A toc25
40
µs/div
A
B
C
A. VOUT1, 1V/div
B. PGOOD1, 5V/div
C. DL1, 5V/div
1.05V
0
5V
0
5V
0


Similar Part No. - MAX17007A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007AGTI++ MAXIM-MAX17007AGTI+ Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
More results

Similar Description - MAX17007A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX8775 MAXIM-MAX8775 Datasheet
1Mb / 30P
   Dual and Combinable Graphics Core Controller for Notebook Computers
Rev 0; 11/06
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716 MAXIM-MAX8716 Datasheet
730Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
Rev 1; 6/05
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com