Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH09SG60C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IDH09SG60C
Description  3rd Generation thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH09SG60C Datasheet(HTML) 3 Page - Infineon Technologies AG

  IDH09SG60C Datasheet HTML 1Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 2Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 3Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 4Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 5Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 6Page - Infineon Technologies AG IDH09SG60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IDH09SG60C
1 Power dissipation
2 Diode forward current
P tot=f(T C); parameter: RthJC(max)
I F=f(T C)
4); T
j≤175 °C; parameter: D = t p/T
3 Typ. forward characteristic
4 Typ. forward characteristic in surge current
mode
I F=f(VF); t p=400 µs; parameter:T j
I F=f(VF); t p=400 µs; parameter: T j
0
20
40
60
80
100
120
25
50
75
100
125
150
175
T C [°C]
-55 °C
25 °C
100 °C
150 °C
175 °C
0
10
20
30
40
50
60
70
02
468
V F [V]
1
0.7
0.5
0.3
0.1
0
10
20
30
40
50
60
70
25
50
75
100
125
150
175
T C [°C]
-55 °C
55 °C 25 °C
100 °C
150 °C
175 °C
0
2
4
6
8
10
12
14
16
18
20
01
234
V F [V]
Rev. 2.3
page 3
2009-08-04


Similar Part No. - IDH09SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH09SG60C INFINEON-IDH09SG60C Datasheet
553Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2013-02-11
IDH09SG60C INFINEON-IDH09SG60C_13 Datasheet
553Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2013-02-11
More results

Similar Description - IDH09SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD03SG60C INFINEON-IDD03SG60C Datasheet
270Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD09SG60C INFINEON-IDD09SG60C Datasheet
282Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH04SG60C INFINEON-IDH04SG60C Datasheet
253Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH12SG60C INFINEON-IDH12SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH06SG60CXKSA1 INFINEON-IDH06SG60CXKSA1 Datasheet
549Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDH03SG60C INFINEON-IDH03SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2012-12-12
IDD06SG60C INFINEON-IDD06SG60C_13 Datasheet
766Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2013-02-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com