Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15004AAUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX15004AAUE
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15004AAUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX15004AAUE Datasheet HTML 1Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 2Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 3Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 4Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 5Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 6Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 7Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 8Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1µF, CVCC = 0.1µF // 1µF, CREG5 = 1µF, VON/OFF = 5V, CSS = 0.01µF, CSLOPE = 100pF, RT = 13.7kΩ, CT =
560pF, VSYNC = VOVI = VFB = VCS = 0V, COMP = unconnected, OUT = unconnected. TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to PGND, unless otherwise noted.) (Note 1) (Figure 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT DRIVER
ROUT-N
VCC = 8V (applied externally),
IOUT = 100mA (sinking)
1.7
3.5
Driver Output Impedance
ROUT-P
VCC = 8V (applied externally),
IOUT = 100mA (sourcing)
35
Ω
COUT = 10nF, sinking
1000
Driver Peak Output Current
IOUT-PEAK
COUT = 10nF, sourcing
750
mA
OVERVOLTAGE COMPARATOR
Overvoltage Comparator Input
Threshold
VOV-TH
VOVI rising
1.20
1.228
1.26
V
Overvoltage Comparator
Hysteresis
VOV-HYST
125
mV
Overvoltage Comparator Delay
TDOVI
From OVI rising above 1.228V to OUT
falling, with 50mV overdrive
1.6
µs
OVI Input Current
IOVI
VOVI = 0 to 5V
-0.5
+0.5
µA
THERMAL SHUTDOWN
Shutdown Temperature
TSHDN
Temperature rising
160
oC
Thermal Hysteresis
THYST
15
oC
Note 1: 100% production tested at +125°C. Limits over the temperature range are guaranteed by design.
Note 2: Not production tested, guaranteed by design.
Note 3: For the MAX15005A/B, DMAX depends upon the value of RT. See Figure 3 and the Oscillator Frequency/External
Synchronization section.
Note 4: The external SYNC pulse triggers the discharge of the oscillator ramp. See Figure 2. During external SYNC, DMAX = 50% for
the MAX15004A/B; for the MAX15005A/B, there is a shift in DMAX with fSYNC/fOSC ratio (see the Oscillator Frequency/
External Synchronization section).
Note 5: The parameter is measured at the trip point of latch, with 0
≤ VCS ≤ 0.3V, and FB = COMP.
Note 6: Slope compensation = (2.5 x 10-9)/CSLOPE mV/µs. See the Applications Information section.


Similar Part No. - MAX15004AAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004AAUE MAXIM-MAX15004AAUE Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004AAUE MAXIM-MAX15004AAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004AAUE++ MAXIM-MAX15004AAUE+ Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX15004AAUEV MAXIM-MAX15004AAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15004AAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004 Datasheet
536Kb / 29P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 1; 11/07
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com