Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDD12SG60C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IDD12SG60C
Description  3rd Generation thinQ!TM SiC Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDD12SG60C Datasheet(HTML) 4 Page - Infineon Technologies AG

  IDD12SG60C Datasheet HTML 1Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 2Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 3Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 4Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 5Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 6Page - Infineon Technologies AG IDD12SG60C Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IDD12SG60C
5 Typ. capacitance charge vs. current slope
6 Typ. reverse current vs. reverse voltage
Q C=f(di F/dt )
6); I
F≤I F,max
I R=f(VR); parameter: T j
7 Typ. transient thermal impedance
8 Typ. capacitance vs. reverse voltage
Z thJC=f(t p); parameter: D = t P/T
C =f(V R); T C=25 °C, f =1 MHz
10
3
10
2
10
1
10
0
10
-1
0
50
100
150
200
250
300
350
400
V R [V]
0
5
10
15
20
100
400
700
1000
di F/ dt [A/µs]
25 °C
100 °C
150 °C
175 °C
10
1
10
0
10
-1
10
-2
10
-3
100
200
300
400
500
600
V R [V]
0
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
10
1
10
0
10
-1
10
-2
10
-3
t P [s]
Rev. 2.
0
page 4
20
10-03-19


Similar Part No. - IDD12SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD12SG60C INFINEON-IDD12SG60C Datasheet
243Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
More results

Similar Description - IDD12SG60C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDD06SG60C INFINEON-IDD06SG60C Datasheet
274Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH03SG60C INFINEON-IDH03SG60C Datasheet
242Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH04SG60C INFINEON-IDH04SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD12SG60C INFINEON-IDD12SG60C_12 Datasheet
243Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDD03SG60C INFINEON-IDD03SG60C Datasheet
270Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDD09SG60C INFINEON-IDD09SG60C Datasheet
282Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.0 2010-03-19
IDH04SG60C INFINEON-IDH04SG60C Datasheet
253Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2009-08-04
IDH12SG60C INFINEON-IDH12SG60C Datasheet
235Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.2 2009-08-04
IDH06SG60CXKSA1 INFINEON-IDH06SG60CXKSA1 Datasheet
549Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2012-12-12
IDH03SG60C INFINEON-IDH03SG60C_12 Datasheet
550Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.3 2012-12-12
IDD06SG60C INFINEON-IDD06SG60C_13 Datasheet
766Kb / 7P
   3rd Generation thinQ!TM SiC Schottky Diode
Rev. 2.4 2013-02-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com