Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR112 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # HVR112
Description  HIGH VOLTAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HVR112 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  HVR112 Datasheet HTML 1Page - EIC discrete Semiconductors HVR112 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( HVR112 - HVR120 )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005
0.8
0.6
0.4
0.2
1.0
10
1.0
24
0
30
0
18
12
6
1
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
0.01


Similar Part No. - HVR112

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HVR112 EIC-HVR112 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SynSemi, Inc.
HVR112 SYNSEMI-HVR112 Datasheet
30Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVR112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
logo
Sanyo Semicon Device
2SA1831 SANYO-2SA1831 Datasheet
87Kb / 3P
   High-Voltage Amp, High-Voltage Switching
logo
EIC discrete Semiconduc...
RGP02-12E EIC-RGP02-12E_06 Datasheet
51Kb / 2P
   HIGH VOLTAGE
logo
Winchester Electronics ...
231-510-0000G WINCHESTER-231-510-0000G Datasheet
39Kb / 1P
   HIGH VOLTAGE
logo
Illinois Capacitor, Inc...
MWS ILLINOISCAPACITOR-MWS Datasheet
171Kb / 2P
   High Voltage
logo
Inchange Semiconductor ...
BU932 ISC-BU932 Datasheet
197Kb / 2P
   High Voltage
BUJ302A ISC-BUJ302A Datasheet
195Kb / 2P
   High Voltage
2SC5116 ISC-2SC5116 Datasheet
192Kb / 2P
   High Voltage
logo
International Rectifier
IRK.56 IRF-IRK.56 Datasheet
176Kb / 9P
   High Voltage
logo
Vishay Siliconix
VS-VSKT71 VISHAY-VS-VSKT71 Datasheet
327Kb / 9P
   High voltage
Revision: 21-Mar-14
logo
Ohmite Mfg. Co.
MOX91021004FVE OHMITE-MOX91021004FVE Datasheet
204Kb / 1P
   High Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com