Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2408 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2408
Description  1-Wire 8-Channel Addressable Switch
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2408 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2408_10 Datasheet HTML 5Page - Maxim Integrated Products DS2408_10 Datasheet HTML 6Page - Maxim Integrated Products DS2408_10 Datasheet HTML 7Page - Maxim Integrated Products DS2408_10 Datasheet HTML 8Page - Maxim Integrated Products DS2408_10 Datasheet HTML 9Page - Maxim Integrated Products DS2408_10 Datasheet HTML 10Page - Maxim Integrated Products DS2408_10 Datasheet HTML 11Page - Maxim Integrated Products DS2408_10 Datasheet HTML 12Page - Maxim Integrated Products DS2408_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DS2408
9 of 39
PIO Logic-State Register
The logic state of the PIO pins can be obtained by reading this register using the Read PIO Registers
command. Reading this register does not generate a signal at the RSTZ pin, even if it is configured as
STRB
. See the Channel-Access commands description for details on STRB .
PIO Logic State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0088h
P7
P6
P5
P4
P3
P2
P1
P0
This register is read-only. Each bit is associated with the pin of the respective PIO channel as shown in
Figure 6. The data in this register is sampled at the last (most significant) bit of the byte that proceeds
reading the first (least significant) bit of this register. See the Read PIO Registers command description
for details.
PIO Output Latch State Register
The data in this register represents the latest data written to the PIO through the Channel-access Write
command. This register is read using the Read PIO Registers command. Reading this register does not
generate a signal at the RSTZ pin, even if it is configured as STRB . See the Channel-access commands
description for details on STRB . This register is not affected if the device reinitializes itself after an ESD
hit.
PIO Output Latch State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
0089h
PL7
PL6
PL5
PL4
PL3
PL2
PL1
PL0
This register is read-only. Each bit is associated with the output latch of the respective PIO channel as
shown in Figure 6.
The flip-flops of this register will power up in a random state. If the chip has to power up with all PIO
channels off, a LOW pulse must be generated on the RSTZ pin, e.g., by means of an open-drain CPU
supervisor chip (see Figure 20). When using an RC circuit to generate the power-on reset, make sure that
RSTZ is NOT configured as strobe output (ROS bit in control/status register 008Dh needs to be 0).
PIO Activity Latch State Register
The data in this register represents the current state of the PIO activity latches. This register is read using
the Read PIO Registers command. Reading this register does not generate a signal at the RSTZ pin, even
if it is configured as STRB . See the Channel-access commands description for details on STRB .
PIO Activity Latch State Register Bitmap
ADDR
b7
b6
b5
b4
b3
b2
b1
b0
008Ah
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
This register is read-only. Each bit is associated with the activity latch of the respective PIO channel as
shown in Figure 6. This register is cleared to 00h by a power-on reset, by a low pulse on the RSTZ pin
(only if RSTZ is configured as RST input), or by successful execution of the Reset Activity Latches
command.


Similar Part No. - DS2408_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2408S MAXIM-DS2408S Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
DS2408S++ MAXIM-DS2408S+ Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408S+T&R MAXIM-DS2408S+T&R Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408S/R MAXIM-DS2408S/R Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
DS2408S/T MAXIM-DS2408S/T Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
More results

Similar Description - DS2408_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413_08 Datasheet
148Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 110408
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 112007
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com