Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR107 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FR107
Description  FAST RECOVERY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FR107 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FR107 Datasheet HTML 1Page - EIC discrete Semiconductors FR107 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR101 - FR107-STR
FAST RECOVERY
RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FR101 FR102 FR103 FR104 FR105 FR106 FR107
FR107
-STR
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Peak Forward Surge Current,
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Peak Forward Voltage at IF = 1.0 Amp.
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
250
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 02 : March 24, 2005
A
A
35
RATING
IFSM
IF(AV)
1.0
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


Similar Part No. - FR107

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR107 CHENG-YI-FR107 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Surge Components
FR107 SURGE-FR107 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Formosa MS
FR107 FORMOSA-FR107 Datasheet
99Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
DIOTEC Electronics Corp...
FR107 DEC-FR107 Datasheet
670Kb / 2P
   Fast switching for high efficiency
logo
GOOD-ARK Electronics
FR107 GOOD-ARK-FR107 Datasheet
194Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR107

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001CT YEASHIN-FG1001CT Datasheet
628Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com