Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR105G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FR105G
Description  GLASS PASSIVATED JUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FR105G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FR105G Datasheet HTML 1Page - EIC discrete Semiconductors FR105G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR101G - FR107G-STR
GLASS PASSIVATED JUNCTION
FAST RECOVERY RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FR
101G
FR
102G
FR
103G
FR
104G
FR
105G
FR
106G
FR
107G
FR107G
-STR
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
IF(AV)
1.0
A
Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
IFSM
30
A
Maximum Peak Forward Voltage at IF = 1.0 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5
µA
at Rated DC Blocking Voltage
Ta = 125
°C
IR(H)
150
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
250
ns
Typical Junction Capacitance ( Note 2 )
CJ
15
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


Similar Part No. - FR105G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
FR105G TMT-FR105G Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Rectron Semiconductor
FR105G RECTRON-FR105G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
SMC Diode Solutions Co....
FR105G SMCDIODE-FR105G Datasheet
322Kb / 4P
   FR101G THRU FR107G FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Rev. A
logo
Taiwan Semiconductor Co...
FR105G TSC-FR105G Datasheet
68Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
FR105G TSC-FR105G Datasheet
542Kb / 2P
   1.0 AMP. Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FR105G

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com