Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYE-2000AZX-4 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYE-2000AZX-4
Description  LED DIGIT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYE-2000AZX-4 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYE-2000AZX-4 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYE-2000AZX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - FYE-2000AZX-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYE-2000AZX-40 FORYARD-FYE-2000AZX-40 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-41 FORYARD-FYE-2000AZX-41 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-42 FORYARD-FYE-2000AZX-42 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-43 FORYARD-FYE-2000AZX-43 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-44 FORYARD-FYE-2000AZX-44 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
More results

Similar Description - FYE-2000AZX-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3612AX FORYARD-FYS-3612AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-4011EX FORYARD-FYS-4011EX_1 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
FYS-4311AX FORYARD-FYS-4311AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-5011AX FORYARD-FYS-5011AX_1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
FYS-15011AXX FORYARD-FYS-15011AXX Datasheet
332Kb / 5P
   LED DIGIT DISPLAY
FYS-5612AX FORYARD-FYS-5612AX Datasheet
329Kb / 5P
   LED DIGIT DISPLAY
FYS-18011FX FORYARD-FYS-18011FX Datasheet
367Kb / 5P
   LED DIGIT DISPLAY
FYS-18011AXX FORYARD-FYS-18011AXX Datasheet
346Kb / 5P
   LED DIGIT DISPLAY
FYS-18011CXX FORYARD-FYS-18011CXX Datasheet
343Kb / 5P
   LED DIGIT DISPLAY
FYS-18011EXX FORYARD-FYS-18011EXX Datasheet
375Kb / 5P
   LED DIGIT DISPLAY
FYS-23011HX FORYARD-FYS-23011HX Datasheet
267Kb / 5P
   LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com