Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM1105-GATR Datasheet(PDF) 7 Page - Ramtron International Corporation

Part # FM1105-GATR
Description  Nonvolatile 5V Dual State Saver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM1105-GATR Datasheet(HTML) 7 Page - Ramtron International Corporation

  FM1105-GATR Datasheet HTML 1Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 2Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 3Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 4Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 5Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 6Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 7Page - Ramtron International Corporation FM1105-GATR Datasheet HTML 8Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FM1105 - Automotive Temp.
Rev. 3.0
Apr. 2009
Page 7 of 8
Mechanical Drawing
8-pin SOIC (JEDEC Standard MS-012 variation AA)
Pin 1
3.90 ±0.10
6.00 ±0.20
4.90 ±0.10
0.10
0.25
1.35
1.75
0.33
0.51
1.27
0.10 mm
0.25
0.50
45
°
0.40
1.27
0.19
0.25
0
°- 8°
Recommended PCB Footprint
7.70
0.65
1.27
2.00
3.70
Refer to JEDEC MS-012 for complete dimensions and notes.
All dimensions in millimeters.
SOIC Package Marking Scheme
Legend:
XXXX= part number, P= package type, T= temp (A=automotive grade, blank=ind.)
LLLLLLL= lot code
RIC=Ramtron Int’l Corp, YY=year, WW=work week
Example: FM1105, “Green” SOIC package, Automotive, Year 2008, Work Week 19
FM1105-GA
A80007G
RIC0819
XXXXXXX-PT
LLLLLLL
RICYYWW


Similar Part No. - FM1105-GATR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
More results

Similar Description - FM1105-GATR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM1105 RAMTRON-FM1105 Datasheet
117Kb / 8P
   Nonvolatile 5V Dual State Saver
FM1110 RAMTRON-FM1110 Datasheet
259Kb / 8P
   Nonvolatile 5V Quad State Saver
FM1107 RAMTRON-FM1107 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106 Datasheet
117Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1106 RAMTRON-FM1106_09 Datasheet
121Kb / 8P
   Nonvolatile 3V Dual State Saver
FM1112 RAMTRON-FM1112 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
FM1114 RAMTRON-FM1114 Datasheet
116Kb / 8P
   Nonvolatile 3V Quad State Saver
logo
Glenair, Inc.
891-016 GLENAIR-891-016 Datasheet
635Kb / 2P
   Dual Row Nano Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com