Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKBP201 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FKBP201
Description  FAST RECOVERY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FKBP201 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FKBP201 Datasheet HTML 1Page - EIC discrete Semiconductors FKBP201 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FKBP200 - FKBP210
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High case dielectric strength of 2000 VDC
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 3.4 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FKBP
200
FKBP
201
FKBP
202
FKBP
204
FKBP
206
FKBP
208
FKBP
210
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 50
°C
IF(AV)
2.0
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
10
A2S
Maximum Forward Voltage drop per Diode at IF = 1.0 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
500
μA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance (Note 2)
R
θJA
30
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to Ambient on P.C. Board with, 0.47" X 0.47" ( 12 mm. x 12 mm. ) Cu. pads.
Page 1 of 2
Rev. 03 : June 11, 2009
RATING
IFSM
35
A
Φ3
0.051 (1.30)
0.043 (1.10)
KBP
0.59 (14.9)
0.57 (14.5)
0.151 (3.85 )
0.147 (3.75)
0.150 (3.82)
0.148 (3.78)
0.0307 (0.78)
0.0303 (0.77)
0.696 (17.7)
MIN.
Dimensions in inches and ( millimeter )
+ AC AC
0.448 (11.4)
0.433 (11.0)
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - FKBP201

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FKBP201 EIC-FKBP201 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FKBP201

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001CT YEASHIN-FG1001CT Datasheet
628Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com