Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEV200H4NNA Datasheet(PDF) 1 Page - Tyco Electronics

Part # LEV200H4NNA
Description  KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEV200H4NNA Datasheet(HTML) 1 Page - Tyco Electronics

  LEV200H4NNA Datasheet HTML 1Page - Tyco Electronics LEV200H4NNA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Catalog 9-1773439-1
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
© 2007 by Tyco Electronics Corporation. All Rights Reserved.
KILOVAC, TE Logo and Tyco Electronics are trademarks.
Other products and company names mentioned herein may be trademarks of their
respective owners.
Product Facts
I Designed to be the lowest cost
sealed contactor in the industry
with its current rating (500+A
carry, 2000A interrupt at
320Vdc).
I Available with bottom or side
mounting -- not position
senstive.
I Optional auxiliary contact for
easy monitoring of power
contact position.
I Hermetically sealed –
intrinsically safe, operates in
explosive/harsh environments
with no oxidation or
contamination of coils or
contacts, including long periods
of non-operation.
I Typical applications include
battery switching and backup,
DC voltage power control, circuit
protection and safety.
I Versatile coil/power
connections.
I Designed and built in
accordance to AIAG QS9000.
Performance Data
Parameter
Units
Value for LEV200 Series
Contact Arrangement, power contacts
1 Form X (SPST-NO-DM)
Rated Operating Voltage
Vdc
12 - 900
Continuous (Carry) Current, Typical
A
500 @ 65°C, 400 mcm conductors
Consult Factory for required conductors for higher (500+ A) currents
Make/Break Current at Various Voltages
1/
A
See next page
Break Current at 320Vdc
1/
A
2,000, 1 cycle
3/
Contact Resistance, Typ. (@200A)
mohms 0.2
Load Life
Cycles
See next page
Mechanical Life
Cycles
100,000
Contact Arrangement, auxiliary contacts
1 Form A (SPST-NO)
Aux. Contact Current, Max.
A
2A @ 30Vdc / 3A @ 125Vac
Aux. Contact Current, Min.
mA
100mA @ 8V
Aux. Contact Resistance, Max.
ohms
0.417@ 30Vdc / .150 @ 125Vaac
Operate Time @ 25°C
Close (includes bounce), Typ.
ms
25
Bounce (after close only), Max.
ms
7
Release (includes arcing), Max @ 2000A ms
12
Dielectric Withstanding Voltage
Vrms
2,200 @ sea level (leakage <1mA)
Insulation Resistance @ 500Vdc
megohms 100
2/
Shock, 11ms 1/2 sine, peak, operating
G
20
Vibration, sine, 80-2000Hz., peak
G
20
Operating Ambient Temperature
°C
-40 to +85
Weight, Typical
lb.(kg)
1.3 (.60)
1/ Main power contacts
2/ 50 at end of life
3/ Does not meet dielectric & IR after test, 1700 amp for unit with Aux. Contacts
4/ Contacts will operate with 0.8Vnom < Vcoil < 1.1Vnom over temperture range.
Coil Data (valid over temperature range)
4/
Nominal Voltage
12Vdc
24Vdc
48Vdc
Pickup Voltage (will operate)
9.0Vdc
19.0Vdc
38.0Vdc
Voltage (Max.)
15Vdc
30Vdc
60Vdc
Dropout Voltage
0.75 - 2.0Vdc
1.0 - 5.0Vdc
2.0 - 7.0Vdc
Coil Resistance @ 25° (Typ.)
11 ohms
40 ohms
145 ohms
For factory-direct application assistance, contact Earle Alldredge, product manager.
Dial 800-253-4560, ext. 2055, or 805-220-2055. Email earle.alldredge@tycoelectronics.com
KILOVAC LEV200 Series Contactor With 1 Form X
Contacts Rated 500+ Amps, 12-900Vdc
Part Numbering System
Typical Part Number
LEV200 A
4
N
A
A
Series:
LEV200 = 500+ Amp, 12-900Vdc Contactor
Contact Form:
A = Normally Open
H = Normally Open with Aux. Contacts. (Option “H” requires
option “A” in Coil Wire Length and option “N” in Coil
Terminal Connector.)
Note: Other auxiliary contact forms available. Consult factory.
Coil Voltage:
4 = 12Vdc
5 = 24Vdc
6 = 48Vdc
K = 72Vdc
8 = 96Vdc
L = 110Vdc
O = 115Vac
9 = 240Vac
Notes: Consult factory for detailed specifications and availability of
coils not listed in “Coil Data” table above.
In coil voltage codes, 115Vac is designated by the letter “O”
rather than the numeral “0.”
Coil Wire Length:
A = 15.3 in (390 mm)
N = None (Requires option “A” in next step.)
Coil Terminal Connector:
N = None, stripped wires (Requires option “A” in previous step.)
A = Studs, #10-32 Threaded (Electrical connection is made to the tab
at the base of the stud.)
Note: Specify option A, stripped wires, for coil voltages > 96Vdc
Mounting & Power Terminals:
A = Bottom Mount & Male 10mm x M8 Threaded Terminals
F = Side Mount & Male 10mm x M8 Threaded Terminals
Consult factory regarding other available mountings and power terminals.
NOTE: All part numbers are RoHS compliant (and always have been).
RoHS
Ready


Similar Part No. - LEV200H4NNA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LEV200H4ANA MACOM-LEV200H4ANA Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
More results

Similar Description - LEV200H4NNA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
   CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
logo
Tyco Electronics
AP350X MACOM-AP350X Datasheet
228Kb / 1P
   KILOVAC AP350X- 500 Amps
KILOVAC-LEV100 MACOM-KILOVAC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
Tyco Electronics
FM200ABXYX MACOM-FM200ABXYX Datasheet
173Kb / 2P
   KILOVAC FM200 (?쏤LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com