Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD4035 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # ILD4035
Description  350 mA LED Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ILD4035 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button ILD4035 Datasheet HTML 15Page - Infineon Technologies AG ILD4035 Datasheet HTML 16Page - Infineon Technologies AG ILD4035 Datasheet HTML 17Page - Infineon Technologies AG ILD4035 Datasheet HTML 18Page - Infineon Technologies AG ILD4035 Datasheet HTML 19Page - Infineon Technologies AG ILD4035 Datasheet HTML 20Page - Infineon Technologies AG ILD4035 Datasheet HTML 21Page - Infineon Technologies AG ILD4035 Datasheet HTML 22Page - Infineon Technologies AG ILD4035 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ILD4035
350 mA LED Driver
Basic Application Information
Data Sheet
19
Revision 1.0, 2010-11-11
R
sense = 303 mΩ, L= 100 μH
V
s = 24 V, 6 LED with typ. VF = 3 V
I
LED vs. VSupply and number of LEDs
F
Switch vs. VSupply and number of LEDs
Efficiency vs.
V
Supply and number of LEDs
Duty Cycle vs.
V
Supply and number of LEDs
ILD4035_ILED_303m_100u.vsd
ILED (Rs=303m; L=100uH)
0.250
0.275
0.300
0.325
0.350
0.375
0.400
0.425
0.450
5
1015
2025
3035
4045
Vs (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
9LED
10LED
11LED
ILD4035_Switching_Frequency_303m_100u.vsd
Switching Frequency (Rs=303m; L=100uH)
5.00E+04
1.00E+05
1.50E+05
2.00E+05
2.50E+05
3.00E+05
3.50E+05
4.00E+05
4.50E+05
5
101520
2530354045
Vs (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
9LED
10LED
11LED
ILD4035_Efficiency_303m_100u.vsd
Efficiency (Rs=303m; L=100uH)
60
65
70
75
80
85
90
95
100
5
10
15202530
354045
Vs (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
9LED
10LED
11LED
ILD4035 _Duty_Cycle_303m_100u.vsd
Duty Cycle (Rs=303m; L=100uH)
20%
30%
40%
50%
60%
70%
80%
90%
100%
5
1015
2025
3035
4045
Vs (V)
1LED
2LED
3LED
4LED
5LED
6LED
7LED
8LED
9LED
10LED
11LED


Similar Part No. - ILD4035

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ILD4035 INFINEON-ILD4035 Datasheet
1Mb / 30P
   LED Drivers for High Power LEDs
Revision 2.0, 2011-08-17
More results

Similar Description - ILD4035

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3300 FOSLINK-FSP3300 Datasheet
173Kb / 7P
   350 MA CONSTANT-CURRENT LED DRIVER
logo
ON Semiconductor
CAT4201 ONSEMI-CAT4201 Datasheet
190Kb / 13P
   350 mA High Efficiency Step Down LED Driver
February, 2010 ??Rev. 5
CAV4201TD-GT3 ONSEMI-CAV4201TD-GT3 Datasheet
179Kb / 12P
   350 mA High Efficiency Step Down LED Driver
November, 2011 ??Rev. 1
logo
DOMINANT Semiconductors
NPW-USD-AAC-1 DOMINANT-NPW-USD-AAC-1 Datasheet
589Kb / 14P
   SPNovaLED InGaN White: 350 mA
logo
Nexperia B.V. All right...
NCR402U NEXPERIA-NCR402U Datasheet
1Mb / 15P
   20 mA LED driver in SOT457
NCR401U NEXPERIA-NCR401U Datasheet
841Kb / 16P
   10 mA LED driver in SOT457
NCR405U NEXPERIA-NCR405U Datasheet
839Kb / 16P
   50 mA LED driver in SOT457
NCR401T NEXPERIA-NCR401T Datasheet
673Kb / 12P
   10 mA LED driver in SOT23
NCR320U NEXPERIA-NCR320U Datasheet
421Kb / 17P
   250 mA LED driver in SOT457
Rev. 1 - 11 December 2018
NCR420Z NEXPERIA-NCR420Z Datasheet
424Kb / 18P
   150 mA LED driver in SOT223
Rev. 1 - 4 February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com