Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP1800-12G Datasheet(PDF) 6 Page - Power-One

Part # FNP1800-12G
Description  Front-Ends & FNR-3 Power Shelves Data Sheet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP1800-12G Datasheet(HTML) 6 Page - Power-One

Back Button FNP1800-12G Datasheet HTML 2Page - Power-One FNP1800-12G Datasheet HTML 3Page - Power-One FNP1800-12G Datasheet HTML 4Page - Power-One FNP1800-12G Datasheet HTML 5Page - Power-One FNP1800-12G Datasheet HTML 6Page - Power-One FNP1800-12G Datasheet HTML 7Page - Power-One FNP1800-12G Datasheet HTML 8Page - Power-One FNP1800-12G Datasheet HTML 9Page - Power-One FNP1800-12G Datasheet HTML 10Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MCD10074 Rev. 1.2, 15-Apr-10
Page 6 of 17
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelf Data Sheet
Protection
Parameter
Conditions/Description
Min
Nom
Max
Unit
Input fuse
Not user accessible
25A, fast blow
Inrush current limitation
With NTCs
Output
No-load -, short circuit - and overload proof
Overvoltage protection latching
1
Tracking
Absolute for 48V models
Absolute for 12V models
115
122
59.5
16.85
% Vo nom
V
V
Overtemperature protection
Automatic power shutdown at TC
95
°C
1 Remove input voltage to reset.
Control
Specification is valid for input voltage, load, and temperature ranges, unless otherwise stated.
Parameter
Conditions/Description
Status Indication
LEDs: DC OK (green), AC OK (green); fan fail and overtemperature (amber)
I
2C digital bus
Monitors alarm functions and sets parameters
PS present pin
Contact closure to logic ground ( internal pull-down resistor of 1 kΩ)
PS remote shutdown / Inhibit pin
TTL compatible signal, inhibited when open contact, high or at TTL logic “1”.
Signal referenced to logic return (LRTN)
Power supply OK (I
2C)1
AC OK & DC OK & no overcurrent & no overtemperature & fans working
DC current fail (I
2C)1
Overcurrent on Io1
AC fail / Power down warning
(I
2C & OC)2
Provides a warning that the input power has failed at least 5 ms before the output falls
out of regulation (<90% Vo1 set).
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
AC fail will go high or open during power fail condition and will go low when input is within
the operating range.
A Power Fail warning will turn off the green AC OK LED.
DC fail / Output voltage fault
(I
2C & OC)2
Internal undervoltage and overvoltage supervision of Vo1.
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
DC fail will go high or open if Vo1 is < 90% or > 110% of Vo1 set, measured in front of the
ORing FETs.
A green LED on the front panel indicates normal operation.
The LED will flash if in parallel operation Vo1 is OK, but the unit is disabled.
Temperature warning (I
2C & OC)2
I
2C critical temperature warning: Indicates that the operating temperature has reached
[Tshut-down – 10K]
I
2C & OC overtemperature warning: Indicates if the unit is in overtemperature shutdown.
Open collector signal with 20 mA pull-down capability, referenced to logic return (LRTN).
The OC-output will go low 100 ms before an overtemperature condition shuts down the
unit.
An amber LED on the front panel indicates overtemperature or fan fail.
DC voltage monitoring (I
2C)1
Monitors the voltage Vo1 at the output connector.
Accuracy ± 0.45 V over setting range, temperature and load.
DC current monitoring (I
2C)1
Monitors the output current Io1 : Accuracy ± 0.4A over the load range.
DC voltage trimming
(I
2C or external resistor)1
Output voltage trimming Vo1: ± 8 % of Vo set
Setting accuracy over I
2C: ± 50mV at Vo nom, ± 150 mV over setting range
Fan speed control (I
2C)1
Two fan speed levels automatically set depending on the internal temperature.
The fan speed can be set to full speed or automatic control.
Fan OK (I
2C & OC)2
Indicates if the fans are operating or have failed.
Synch. startup pin
Overcurrent signal which can be used for synchronous startup of units in parallel or to
recover from an overload condition. (See application note).
1 Detailed I2C information is available from the model’s I2C Manual found on the Power-One web site.
2 Provided over the I2C interface and as an open collector signal on the output connector (OC).


Similar Part No. - FNP1800-12G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1800-48G POWER-ONE-FNP1800-48G Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
logo
Bel Fuse Inc.
FNP1800-48G BEL-FNP1800-48G Datasheet
1Mb / 17P
   AC-DC POWER SUPPLY
More results

Similar Description - FNP1800-12G

ManufacturerPart #DatasheetDescription
logo
Power-One
HZZ02002G POWER-ONE-HZZ02002G Datasheet
819Kb / 18P
   FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com