Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNP1500-48G Datasheet(PDF) 9 Page - Power-One

Part # FNP1500-48G
Description  Front-Ends & FNR-3 Power Shelves Data Sheet
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP1500-48G Datasheet(HTML) 9 Page - Power-One

Back Button FNP1500-48G Datasheet HTML 5Page - Power-One FNP1500-48G Datasheet HTML 6Page - Power-One FNP1500-48G Datasheet HTML 7Page - Power-One FNP1500-48G Datasheet HTML 8Page - Power-One FNP1500-48G Datasheet HTML 9Page - Power-One FNP1500-48G Datasheet HTML 10Page - Power-One FNP1500-48G Datasheet HTML 11Page - Power-One FNP1500-48G Datasheet HTML 12Page - Power-One FNP1500-48G Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MCD10074 Rev. 1.2, 15-Apr-10
Page 9 of 17
www.power-one.com
FNP1500/1800 Front-Ends
& FNR-3 Power Shelf Data Sheet
Mechanical Data (FNP1500/1800 48V Models)
Mechanical Data (H, W, D)
5.6” (141.2mm) x 1.6” (40.5mm) x 11” (279.4mm)
FNP1500/1800 48V Model Output Connector
Descriptions
Rear View
Female Connector: FCI (51732-020 LF)
Mates with:
90° output connector type:
Part No. FCI (manufacturer): 51762-10602000AA LF; Power-One Part No.: ZES258-G
180° output connector type:
Part No. FCI (manufacturer): 51742-10602000AA LF
Locate information on availability of FCI connectors at http://www.stkcheck.com/evs/fcielectronics/fcisearch.asp
Connector drawings available at: http://portal.fciconnect.com/portal/page/portal/FcicntPublic/DocSrchCustDraw
IEC AC power cord with C19 connector VDE 16A: Interpower Components Ltd. 70009110250
IEC AC power cord with C19 connector UL
20A: Interpower Components Ltd. 70025110250


Similar Part No. - FNP1500-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1500-48G POWER-ONE-FNP1500-48G Datasheet
709Kb / 15P
   1500 to 5400-Watt Front-End Power Solutions
logo
Bel Fuse Inc.
FNP1500-48G BEL-FNP1500-48G Datasheet
1Mb / 17P
   AC-DC POWER SUPPLY
More results

Similar Description - FNP1500-48G

ManufacturerPart #DatasheetDescription
logo
Power-One
HZZ02002G POWER-ONE-HZZ02002G Datasheet
819Kb / 18P
   FNP1500/1800 Front-Ends FNR-3 Power Shelves Data Sheet
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
logo
Analog Devices
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Artesyn Technologies
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
NXP Semiconductors
AFD4400 NXP-AFD4400 Datasheet
869Kb / 101P
   AFD4400 Digital Front End Processor Data Sheet
Rev. 0, 10/2015
logo
Lineage Power Corporati...
J85480S1 LINEAGEPOWER-J85480S1 Datasheet
405Kb / 10P
   Compact Power Line Shelves
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
   PRECISION ANALOG FRONT ENDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com