Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR24A12 Datasheet(PDF) 3 Page - Crydom Inc.,

Part # DR24A12
Description  Ratings of 6 & 12 Amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR24A12 Datasheet(HTML) 3 Page - Crydom Inc.,

  DR24A12 Datasheet HTML 1Page - Crydom Inc., DR24A12 Datasheet HTML 2Page - Crydom Inc., DR24A12 Datasheet HTML 3Page - Crydom Inc., DR24A12 Datasheet HTML 4Page - Crydom Inc., DR24A12 Datasheet HTML 5Page - Crydom Inc., DR24A12 Datasheet HTML 6Page - Crydom Inc., DR24A12 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MECHANICAL SPECIFICATIONS
WIRING DIAGRAM


Similar Part No. - DR24A12

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24A12 CRYDOM-DR24A12 Datasheet
770Kb / 7P
   DIN rail mount
DR24A12 CRYDOM-DR24A12 Datasheet
926Kb / 7P
   DIN Rail Mount
logo
Sensata Technologies, I...
DR24A12 SENSATA-DR24A12 Datasheet
336Kb / 6P
   DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR24A12X CRYDOM-DR24A12X Datasheet
929Kb / 7P
   Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
DR24A12X CRYDOM-DR24A12X Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
More results

Similar Description - DR24A12

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR06D12XR CRYDOM-DR06D12XR Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
DRD24D06 CRYDOM-DRD24D06 Datasheet
811Kb / 6P
   Dual Output with Ratings of 6 Amps each channel
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
Hammond Manufacturing L...
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
   Ratings - 125 VAC, 15 Amps
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
   Ratings - 125 VAC, 20 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com