Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR24B06 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # DR24B06
Description  Ratings of 6 & 12 Amps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR24B06 Datasheet(HTML) 2 Page - Crydom Inc.,

  DR24B06 Datasheet HTML 1Page - Crydom Inc., DR24B06 Datasheet HTML 2Page - Crydom Inc., DR24B06 Datasheet HTML 3Page - Crydom Inc., DR24B06 Datasheet HTML 4Page - Crydom Inc., DR24B06 Datasheet HTML 5Page - Crydom Inc., DR24B06 Datasheet HTML 6Page - Crydom Inc., DR24B06 Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OUTPUT SPECIFICATIONS DC Output (1)
Description
DR06D06
DR10D06
DR06D12
DR10D12
Operating Voltage [VDC]
1-60
1-100
1-60
1-100
Maximum Load Current [Adc] (2)
6
6
12
12
Minimum Load Current [mAdc]
2.5
2.5
2.5
2.5
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.1
0.1
0.1
Maximum On-State Voltage Drop @ Rated Current [Vpk]
0.6
0.6
0.5
0.5
Maximum Surge Current (10ms) [Apk]
60
60
100
100
On-State resistance at rated current [Ohms]
0.1
0.1
0.1
0.1
Min/Max stranded wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Min/Max solid wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Weight (typical)
1.76 oz. (50g)
1.76 oz. (50g)
3.17 oz. (90g)
3.17 oz. (90g)
INPUT SPECIFICATIONS (1)
Description
DRxxDxx
DRxxBxx
DRxxAxx
DRxxExx
Control Voltage Range (4)
4.0-32 VDC
90-140 Vrms
200-265 Vrms
18-36 Vrms
Minimum Turn-On Voltage
4.0 VDC
90 Vrms
200 Vrms
18 Vrms
Minimum Turn-Off Voltage
1.0 VDC
10 Vrms
90 Vrms
4 Vrms
Minimum Input Current (5)
9
3
2.5
3.5
Maximum Input Current (5)
11
5
3.3
8
Maximum Turn-On Time (6) (7)
1/2 Cycle
20 msec
20 msec
20 msec
Maximum Turn-Off Time (8)
1/2 Cycle
30 msec
30 msec
30 msec
Min/Max stranded/solid wire
22/16 AWG
22/16 AWG
22/16 AWG
22/16 AWG
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000Vrms
Minimum Insulation Resistance (@ 500 V DC)
10
9 Ohms
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-30ºC to 80ºC
Ambient Storage Temperature Range
-30ºC to 100ºC
Recommended Terminal Screw Torque Range:
4.4-7.0 in lb (0.5-0.8 Nm)
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) See Derating Curves
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) DC control includes reverse polarity protection.
5) Input circuitry incorporates active current limiter.
6) Turn-on time for DC control random turn-on versions is 0.1 msec
7) Turn-on time for DC output 600µs ec
8) Turn-off time for DC output 300µs ec


Similar Part No. - DR24B06

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24B06 CRYDOM-DR24B06 Datasheet
770Kb / 7P
   DIN rail mount
DR24B06 CRYDOM-DR24B06 Datasheet
926Kb / 7P
   DIN Rail Mount
logo
Sensata Technologies, I...
DR24B06 SENSATA-DR24B06 Datasheet
336Kb / 6P
   DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR24B06X CRYDOM-DR24B06X Datasheet
929Kb / 7P
   Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
DR24B06X CRYDOM-DR24B06X Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
More results

Similar Description - DR24B06

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR06D12XR CRYDOM-DR06D12XR Datasheet
929Kb / 7P
   Ratings of 6 & 12 Amps
DRD24D06 CRYDOM-DRD24D06 Datasheet
811Kb / 6P
   Dual Output with Ratings of 6 Amps each channel
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
Hammond Manufacturing L...
1584S3 HAMMOND-1584S3 Datasheet
78Kb / 1P
   Ratings - 125 VAC, 15 Amps
1584S20 HAMMOND-1584S20 Datasheet
76Kb / 1P
   Ratings - 125 VAC, 20 Amps
1584S10 HAMMOND-1584S10 Datasheet
80Kb / 1P
   Ratings - 250 VAC, 10 Amps
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com