Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6625A Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6625A
Description  Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6625A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6625A Datasheet HTML 5Page - Intersil Corporation ISL6625A Datasheet HTML 6Page - Intersil Corporation ISL6625A Datasheet HTML 7Page - Intersil Corporation ISL6625A Datasheet HTML 8Page - Intersil Corporation ISL6625A Datasheet HTML 9Page - Intersil Corporation ISL6625A Datasheet HTML 10Page - Intersil Corporation ISL6625A Datasheet HTML 11Page - Intersil Corporation ISL6625A Datasheet HTML 12Page - Intersil Corporation ISL6625A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ISL6364
9
FN6861.0
December 22, 2010
OSCILLATORS
Accuracy of VR0 Switching Frequency Setting
RFS = 125kΩ
360
400
440
kHz
Accuracy of VR1 Switching Frequency Setting
RFSS = 125kΩ
360
400
440
kHz
Maximum Switching Frequency
1.0
--
MHz
Minimum Switching Frequency
--
0.08
MHz
Soft-start Ramp Rate for VR0
FDVID = 10mV/µs
2.5
2.8
3.2
mV/µs
FDVID = 20mV/µs
5.0
5.55
6.2
mV/µs
Soft-start Ramp Rate for VR1
2.5
2.8
3.2
mV/µs
Maximum Duty Cycle Per PWM for VR0
400kHz, VRAMP <1.8V
95
97
99
%
Maximum Duty Cycle for VR1
400kHz
69
83
96
%
PWM GENERATOR (Note 7)
Sawtooth Amplitude for VR0
RRAMP_ADJ = Open, all Switching Frequency
-1
-
V
Sawtooth Amplitude for VR0
RRAMP_ADJ = 2.4 MΩ to 12V, 500kHz
-0.5
-
V
Sawtooth Amplitude for VR0
RRAMP_ADJ = 1.2 MΩ to 12V, 500kHz
-1
-
V
Maximum Adjustable Ramp for VR0
Applicable to VR0 Only
-3
-
V
Minimum Adjustable Ramp for VR0
Applicable to VR0 Only
-0.3
-
V
Sawtooth Amplitude for VR1
Applicable to VR1 Only
2.0
V
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground
-
96
-
dB
Open-Loop Bandwidth
-80
-
MHz
Slew Rate
-25
-
V/µs
Maximum Output Voltage
No Load
4.1
4.4
4.6
V
Output High Voltage @ 2mA
2mA Load
3.8
4.1
4.6
V
Output Low Voltage @ 2mA
2mA Load
0.85
0.96
1.2
V
PWM OUTPUT (PWM[4:1] and PWMS)
Sink Impedance
PWM = Low with 1mA Load
-
170
-
Ω
Source Impedance
PWM = High, Forced to 3.7V
-
150
-
Ω
PWM PSI2/3/Decay Mid-Level
0.4mA Load
38
40
44
%VCC
CURRENT SENSE AND OVERCURRENT PROTECTION
Sensed Current Tolerance of VR0
ISEN1-4= 40µA;
CS Offset and Mirror Error Included, RSET = 12.8kΩ
36.5
40.7
44
µA
ISEN1-4 = 80µA;
CS Offset and Mirror Error Included, RSET = 12.8kΩ
75.5
80.7
85.5
µA
Sensed Current Tolerance of VR1
ISENS= 40µA; RISENS = 100Ω;
33
37
41
µA
ISENS = 80µA; RISENS= 100Ω
69.5
75
81
µA
VR0 Average Overcurrent Trip Level at Normal CCM PWM
Mode
CS Offset and Mirror Error Included, RSET = 12.8kΩ
-
100
-
µA
VR0 Average Overcurrent Trip Level at PSI1/2/3 Mode
N = 4 Drop to 1-Phase
-
99
-
µA
VR0 Average Overcurrent Trip Level at PSI1 Mode
N = 4 Drop to 2-Phase
-
100
-
µA
Electrical Specifications Recommended Operating Conditions, VCC = 5V, Unless Other wise specified. Boldface limits apply over the
operating temperature range.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS


Similar Part No. - ISL6625A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6625A INTERSIL-ISL6625A Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625A INTERSIL-ISL6625A Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625ACRZ-T RENESAS-ISL6625ACRZ-T Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6625A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
   Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
logo
Intersil Corporation
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
   Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Maxim Integrated Produc...
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
   4-Phase PWM Controller for VR12.5 Applications
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com