Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FW202 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. FW202
Description  Ultrahigh-Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

FW202 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
15
ns
Rise Time
tr
100
ns
Turn-OFF Delay Time
td(off)
150
ns
Fall Time
tf
160
ns
Diode Forward Voltage
VSD
IS=5A, VGS=0
1.0
1.2
V
Switching Time Test Circuit
Electrical Connection
(Top view)
FW202
No.5318-2/3
,,,,,,,,
,,,,,,,,
,,,,,,,,
,,,,,,,,
ID
A S O
10
1.0
2
3
5
7
2
3
5
2
3
7
1.0
0.1
10
7
7
2
5
3
7
2
5
3
7
2
5
3
5
IDP
1m
s
10
ms
100
ms
1.0
1.2
1.4
1.6
1.8
0.8
0.6
0.4
0.2
0
0
0.6
0.8
1.0
0.4
0.2
1.2
1.4
1.6
1.8
1.7
P D(FET 2) – P D(FET1)
Drain-to-Source Voltage, VDS – V
Operation in this area
is limited by RDS(on).
10
µs
100µ
s
Mounted on a ceramic board (1000mm2
×0.8mm)
To
tal
dis
sip
atio
n
Per
uni
t d
issi
pati
on
M
ou
nte
d
on
a c
era
m
ic
bo
ard
(10
00
m
m
2
×
0.8
m
m
)
Mo
unte
d on
a ce
ram
ic b
oard
(100
0m
m
2
×0
.8m
m)
Allowable Power Dissipation, PD(FET1) – W
80
100
120
140
160
60
40
20
0
0
0.8
1.2
0.4
1.6
1.7
2.0
2.4
P D – Ta
Ambient Temperature, Ta –
°C
Ta=25
°C
1pulse
1unit


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ578Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2623Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3072Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3307Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5602Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn