Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9305IRTHBCNLZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9305IRTHBCNLZ-T
Description  3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTHBCNLZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9305IRTHBCNLZ-T Datasheet HTML 2Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 3Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 4Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9305IRTHBCNLZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL9305H
6
FN7724.0
November 8, 2010
Maximum Output Current
1500
-
-
mA
P-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.14
0.20
VIN = 2.3V, IO = 200mA
-
0.24
0.40
N-Channel MOSFET ON-resistance
VIN = 3.6V, IO = 200mA
-
0.11
0.20
VIN = 2.3V, IO = 200mA
0.18
0.34
P-Channel MOSFET Peak Current Limit
IPK
2.1
2.5
2.75
A
SW Maximum Duty Cycle
-
100
-
%
SW Leakage Current
VIN = 5.5V
-
0.005
1
µA
PWM Switching Frequency
fS
2.6
3.0
3.4
MHz
SW Minimum ON-time
VFB = 0.75V
-
70
-
ns
Bleeding Resistor
-
115
-
PG
Output Low Voltage
Sinking 1mA, FB1 = FB2 = 0.7V
-
-
0.25
V
Rising Delay Time
Based on 1ms programmed nominal delay time
0.6
1.1
1.8
ms
Falling Delay Time
Based on 1ms programmed nominal delay time
-
30
-
µs
PG Pin Leakage Current
PG = VINDCD1 = VINDCD2 = 3.6V
-
0.005
0.1
µA
PG Low Rising Threshold
Percentage of nominal regulation voltage
-
91
-
%
PG Low Falling Threshold
Percentage of nominal regulation voltage
-
87
-
%
PG High Rising Threshold
Percentage of nominal regulation voltage
-
112
-
%
PG High Falling Threshold
Percentage of nominal regulation voltage
-
109
-
%
LDO1 AND LDO2
VINLDO1, VINLDO2 Supply Voltage
No higher than VINDCD1
1.5
-
5.5
V
VINLDO1, VINLDO2 Undervoltage
Lockout Threshold
VUVLO
Rising
-
1.41
1.46
V
Falling
1.33
1.37
-
V
Internal Peak Current Limit
350
425
540
mA
Dropout Voltage
IO = 300mA, VO ≤ 2.1V
-
120
250
mV
IO = 300mA, 2.1V < VO ≤ 2.8V
-
100
200
mV
IO = 300mA, VO > 2.8V
-
80
170
mV
Power Supply Rejection Ratio
IO = 300mA @ 1kHz, VIN = 3.6V, VO = 2.6V, TA = +25°C
-
55
-
dB
Output Voltage Noise
VIN = 4.2V, IO = 10mA, TA = +25°C, BW = 10Hz to 100kHz
-
45
-
µVRMS
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions and the
typical specifications are measured at the following conditions: TA = +25°C, VINDCD1 = 3.6V, VINDCD2 = 3.3V. For
LDO1 and LDO2, VINLDOx = VOLDOx + 0.5V to 5.5V with VINLDOx always no higher than VINDCD1, L1 = L2 = 1.5µH,
C1 = 10µF, C4 = C5 = 10µF, C2 = C3 = C6 = C7 = 1µF, IOUT = 0A for DCD1, DCD2, LDO1 and LDO2 (see “TYPICAL
APPLICATION DIAGRAM” on page 1 for more details). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


Similar Part No. - ISL9305IRTHBCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHBCNLZ-T INTERSIL-ISL9305IRTHBCNLZ-T Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305IRTHBCNLZ-T INTERSIL-ISL9305IRTHBCNLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
logo
Renesas Technology Corp
ISL9305IRTHBCNLZ-T RENESAS-ISL9305IRTHBCNLZ-T Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTHBCNLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com