Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28233FUZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL28233FUZ
Description  Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28233FUZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL28233FUZ Datasheet HTML 6Page - Intersil Corporation ISL28233FUZ Datasheet HTML 7Page - Intersil Corporation ISL28233FUZ Datasheet HTML 8Page - Intersil Corporation ISL28233FUZ Datasheet HTML 9Page - Intersil Corporation ISL28233FUZ Datasheet HTML 10Page - Intersil Corporation ISL28233FUZ Datasheet HTML 11Page - Intersil Corporation ISL28233FUZ Datasheet HTML 12Page - Intersil Corporation ISL28233FUZ Datasheet HTML 13Page - Intersil Corporation ISL28233FUZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL28233, ISL28433
10
FN7692.2
December 15, 2010
FIGURE 19. GAIN vs FREQUENCY vs CL
FIGURE 20. CMRR vs FREQUENCY, VS = ±2.5V
FIGURE 21. PSRR vs FREQUENCY, VS = ±0.8V
FIGURE 22. PSRR vs FREQUENCY, VS = ±2.5V
FIGURE 23. CMRR vs TEMPERATURE
FIGURE 24. PSRR vs TEMPERATURE
Typical Performance Curves V+=5V,V-=0V,V
CM = 2.5V, RL = Open, T = +25°C, unless otherwise specified. (Continued)
-10
-8
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
CL = 824pF
CL = 224pF
CL = 474pF
CL = 51pF
CL = 3.7pF
CL = 104pF
VS = ±2.5V
RL = 100k
AV = +1
VOUT = 10mVP-P
-140
-120
-100
-80
-60
-40
-20
0
20
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VS = ±2.5V
RL = 100k
AV = +1
VCM = 1VP-P
SIMULATION
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VS = ±0.8V
RL = 100k
AV = +1
VCM = 1VP-P
CL = 16.3pF
PSRR+
10
PSRR-
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
PSRR-
PSRR+
VS = ±2.5V
RL = 100k
AV = +1
VCM = 1VP-P
CL = 16.3pF
10
TEMPERATURE (°C)
130
135
140
145
150
155
-50
-25
0
25
50
75
100
125
VS = ±2.5V
VCM = ±2.6V
TEMPERATURE (°C)
100
110
120
130
140
150
160
-50
-25
0
25
50
75
100
125
VS = 1.65V to 6.0V


Similar Part No. - ISL28233FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Renesas Technology Corp
ISL28233FUZ RENESAS-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results

Similar Description - ISL28233FUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com