Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-15881DX Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-15881DX
Description  DOT MATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-15881DX Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-15881DX Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881DX Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881DX Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881DX Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881DX Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
DOT MATRIX DISPLAY
PartNO.:FYM-15881CX/DX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - FYM-15881DX

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-15881DXX FORYARD-FYM-15881DXX Datasheet
505Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881DXX-0 FORYARD-FYM-15881DXX-0 Datasheet
505Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881DXX-1 FORYARD-FYM-15881DXX-1 Datasheet
505Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881DXX-2 FORYARD-FYM-15881DXX-2 Datasheet
505Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881DXX-3 FORYARD-FYM-15881DXX-3 Datasheet
505Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-15881DX

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-23881A-BUW-X1 FORYARD-FYM-23881A-BUW-X1 Datasheet
465Kb / 5P
   Dot Matrix Display
logo
Marktech Corporate
MTAN2124-13A MARKTECH-MTAN2124-13A Datasheet
50Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-12882CX FORYARD-FYM-12882CX Datasheet
412Kb / 5P
   DOT MATRIX DISPLAY
FYM-23881AXXX FORYARD-FYM-23881AXXX Datasheet
316Kb / 5P
   DOT MATRIX DISPLAY
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
48Kb / 1P
   DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-30571A-BUW-X1 FORYARD-FYM-30571A-BUW-X1 Datasheet
520Kb / 5P
   Dot Matrix Display
FYM-40571A-BUW-00 FORYARD-FYM-40571A-BUW-00 Datasheet
448Kb / 5P
   Dot Matrix Display
FYML-23882AX-00 FORYARD-FYML-23882AX-00 Datasheet
535Kb / 5P
   Dot Matrix Display
FYM-15883AXX FORYARD-FYM-15883AXX Datasheet
2Mb / 5P
   DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com