Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9305IRTAANLZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9305IRTAANLZ-T
Description  3MHz Dual Step-Down Converters and Dual Low-Input LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTAANLZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9305IRTAANLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 10Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 11Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 12Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 13Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 14Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL9305
11
FN7605.0
November 8, 2010
LDO1 AND LDO2 OUTPUT VOLTAGE CONTROL
REGISTERS
LDO1OUT, address 0x02h and LDO2OUT, address 0x03h.
TABLE 3. DCD1 AND DCD2 OUTPUT VOLTAGE SETTING
DCDOUT
<7:0>
DCD OUTPUT
VOLTAGE
(V)
DCDOUT
<7:0>
DCD OUTPUT
VOLTAGE
(V)
DCDOUT
<7:0>
DCD OUTPUT
VOLTAGE
(V)
DCDOUT
<7:0>
DCD OUTPUT
VOLTAGE
(V)
00
0.825
20
1.625
40
2.425
60
3.225
01
0.850
21
1.650
41
2.450
61
3.250
02
0.875
22
1.675
42
2.475
62
3.275
03
0.900
23
1.700
43
2.500
63
3.300
04
0.925
24
1.725
44
2.525
64
3.325
05
0.950
25
1.750
45
2.550
65
3.350
06
0.975
26
1.775
46
2.575663.375
07
1.000
27
1.800
47
2.600
67
3.400
08
1.025
28
1.825
48
2.625
68
3.425
09
1.050
29
1.850
49
2.650
69
3.450
0A
1.075
2A
1.875
4A
2.675
6A
3.475
0B
1.100
2B
1.900
4B
2.700
6B
3.500
0C
1.125
2C
1.925
4C
2.725
6C
3.525
0D
1.150
2D
1.950
4D
2.750
6D
3.550
0E
1.175
2E
1.975
4E
2.775
6E
3.575
0F
1.200
2F
2.000
4F
2.800
6F
3.600
10
1.225
30
2.025
50
2.825
11
1.250
31
2.050
51
2.850
12
1.275
32
2.075
52
2.875
13
1.300
33
2.100
53
2.900
14
1.325
34
2.125
54
2.925
15
1.350
35
2.150
55
2.950
16
1.375
36
2.175
56
2.975
17
1.400
37
2.200
57
3.000
18
1.425
38
2.225
58
3.025
19
1.450
39
2.250
59
3.050
1A
1.475
3A
2.275
5A
3.075
1B
1.500
3B
2.300
5B
3.100
1C
1.525
3C
2.325
5C
3.125
1D
1.550
3D
2.350
5D
3.150
1E
1.575
3E
2.375
5E
3.175
1F
1.600
3F
2.400
5F
3.200
TABLE 4. LDOX OUTPUT VOLTAGE CONTROL REGISTERS
BIT
NAME
ACCESS
RESET
DESCRIPTION
B7
Reserve
-
0
Refer to Table 5 for
output voltage
settings
B6
Reserve
-
0
B5
LDOxOUT-5
R/W
0
B4
LDOxOUT-4
R/W
0
B3
LDOxOUT-3
R/W
1
B2
LDOxOUT-2
R/W
1
B1
LDOxOUT-1
R/W
0
B0
LDOxOUT-0
R/W
0


Similar Part No. - ISL9305IRTAANLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305IRTAANLZ-T RENESAS-ISL9305IRTAANLZ-T Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTAANLZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com