Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL33001IBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL33001IBZ
Description  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33001IBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL33001IBZ Datasheet HTML 1Page - Intersil Corporation ISL33001IBZ Datasheet HTML 2Page - Intersil Corporation ISL33001IBZ Datasheet HTML 3Page - Intersil Corporation ISL33001IBZ Datasheet HTML 4Page - Intersil Corporation ISL33001IBZ Datasheet HTML 5Page - Intersil Corporation ISL33001IBZ Datasheet HTML 6Page - Intersil Corporation ISL33001IBZ Datasheet HTML 7Page - Intersil Corporation ISL33001IBZ Datasheet HTML 8Page - Intersil Corporation ISL33001IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FN7560.2
September 30, 2010
Enable Delay, On-Off
tEN-HL
ISL33001 and ISL33003 (Note 10)
+25
-
10
-
ns
Enable Delay, Off-On
tEN-LH
ISL33001 and ISL33003 (Figure 1)
+25
-
86
-
µs
Bus Idle Time
tIDLE
(Figure 2, Note 12)
Full
50
83
150
µs
Ready Pin OFF State
Leakage Current
IOFF
ISL33001 only
+25
-1
0.1
1
µA
Ready Delay, On-Off
tREADY-HL ISL33001 only (Note 10)
+25
-
10
-
ns
Ready Delay, Off-On
tREADY-LH ISL33001 only (Note 10)
+25
-
10
-
ns
Ready Output Low
Voltage
VOL_READY VCC1 = +2.5V, IPULLUP = 3mA;
ISL33001 only
Full
-
-
0.4
V
RISE-TIME ACCELERATORS
Transient Accelerator
Current
ITRAN_ACC VCC1 = 2.7V, VCC2 = 2.7V;
(ACC = 0.7*VCC1 for ISL33002 only)
(Figure 6)
+25
-
5
-
mA
Accelerator Enable
Threshold
VACC_EN ISL33002 only
+25
-
0.5*VCC1 0.7*VCC1
V
Accelerator Disable
Threshold
VACC_DIS ISL33002 only
+25
0.3*VCC1 0.5*VCC1
-
V
Accelerator Pin Input
Current
IACC
ISL33002 only
+25
-1
0.1
1
µA
Accelerator Delay,
On-Off
tPDOFF
ISL33002 only (Note 10)
+25
-
10
-
ns
ESD PROTECTION
SDA, SCL I/O Pins
Human Body Model, SDA and SCL pins to
ground only (JESD22-A114)
+25
-
±12
-
kV
All Pins
Machine Model (JESD22-A115)
+25
-
±400
-
V
Class 3 HBM ESD (JESD22-A114)
+25
±6
-
kV
INPUT-OUTPUT CONNECTIONS
Input Low Threshold
VIL
VCC1 = VCC2, 10kΩ to VCC1 on SDA and
SCL pins
+25
-
0.3*VCC1
-V
Input-Output Offset
Voltage
VOS
VCC1 = 3.3V, 10kΩ to VCC1 on SDA and
SCL pins, VINPUT = 0.2V; VCC2 = 3.3V,
ISL33002 and ISL33003 (Figure 3)
Full
0
50
150
mV
Output Low Voltage
VOL
VCC1 = 2.7V, VINPUT = 0V, ISINK =3mA
on SDA/SCL pins; VCC2 = 2.7V,
ISL33002 and ISL33003 (Figure 4)
Full
-
-
0.4
V
Buffer SDA and SCL
Pins Input
Capacitance
CIN
(Figure 23)
+25
-
10
-
pF
Input Leakage
Current
ILEAK
SDA and SCL pins = VCC1 = 5.5V;
VCC2 = 5.5V, ISL33002 and ISL33003
Full
-5
0.1
5
µA
Electrical Specifications VEN = VCC1, VCC1 = +2.3V to +5.5V, VCC2 = +2.3V to +5.5V, unless otherwise noted (Note 8).
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
TEMP
(°C)
MIN
(Note 9)
TYP
MAX
(Note 9) UNITS
ISL33001, ISL33002, ISL33003


Similar Part No. - ISL33001IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL33001IBZ INTERSIL-ISL33001IBZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Renesas Technology Corp
ISL33001IBZ RENESAS-ISL33001IBZ Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

Similar Description - ISL33001IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001IRTZ INTERSIL-ISL33001IRTZ Datasheet
636Kb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
July 11, 2014
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com