Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTS1003 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. FTS1003
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

FTS1003 Datasheet(HTML) 3 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.6154-3/4
FTS1003
ID=-3A
SW Time - I D
A S O
P D - Ta
VDD=-10V
VGS=-4V
IDP=-15A
Operation in this area
is limited by RDS(on).
2
2
3
3
5
7
2
3
5
7
2
3
5
7
23
5 7
23
5 7
23
23
57
2
3
5
7
2
3
5
7
2
3
5
7
72
3
5
72
3
5
7
Ciss,Coss,Crss - VDS
VGS - Qg
f = 1MHz
Ciss
Coss
Crss
2
3
5
7
2
3
5
7
2
3
5
7
VDS=-10V
ID=-3A
10ms
1ms
100
µs
100ms
td(on)
t r
td(off)
tf
DC
operation
100
10
1000
10000
6
12162024
28
4
10141822
0
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
-1.0
-10
-0.1
10
1.0
100
1000
-0.1
-0.01
-1.0
-10
-0.1
-1.0
-10
-0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
20
60
40
80
120
100
140
160
0
-4
-2
0
-6
-8
-10
-12
-14
-16
-18
-20
R DS(on) - Ta
ID=
-3A,V
GS
=-4V
40
0
80
020
-20
-40
-60
40
60
80
100
120
160
140
200
20
60
100
120
140
160
180
ID=
-1A,V
GS
=-2.5V
Drain Current, ID –A
Drain-to-Source Voltage, VDS –V
Ambient Temperature, Ta – ˚C
Ta=25
°C
Single pulse
Mounted on a ceramic board (1000mm2
×0.8mm)
Mounted
on
a
ceramic
board
(1000mm
2×
0.8mm)
Drain-to-Source Voltage, VDS – V
Total Gate Charge, Qg – nC
Ambient Temperature, Ta – ˚C
Diode Forward Voltage, VSD –V
I F - VSD
VGS=0
2
3
5
7
2
3
5
7
2
3
5
7
-0.01
-0.1
-1.0
-10
0
-0.2
-0.4
-0.6
-1.0
-0.8
-1.4
-1.2


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn