Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTS1003 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. FTS1003
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

FTS1003 Datasheet(HTML) 1 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30100TS (KOTO) TA-2125 No.6154-1/4
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
Load Switching Applications
Ordering number:ENN6154A
FTS1003
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications
Absolute Maximum Ratings at Ta = 25˚C
3.0
0.425
0.65
0.125
85
14
0.25
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2147A
[FTS1003]
Features
· Low ON resistance.
· 2.5V drive.
· Mounting height 1.1mm.
1 : Drain
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Source
7 : Source
8 : Drain
SANYO : TSSOP8
Mounted on a ceramic board (1000mm2
×0.8mm)
˚C
˚C
Marking : S1003
Continued on next page.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
0
2
–V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
o
t
-
e
t
a
GV
S
S
G
0
1
±V
)
C
D
(
t
n
e
r
r
u
C
n
i
a
r
DID
3
–A
)
e
s
l
u
p
(
t
n
e
r
r
u
C
n
i
a
r
DI P
D
W
P
e
l
c
y
c
y
t
u
d
,
s
µ
0
1
≤ %
15
1
–A
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
l
b
a
w
o
ll
APD
3
.
1W
e
r
u
t
a
r
e
p
m
e
T
l
e
n
n
a
h
Ch
c
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
c
r
u
o
S
-
o
t
-
n
i
a
r
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
2
–V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
2
=
S
G
0
=0
1
–A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=4
.
0
–4
.
1
–V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
F|
s
f
y
|V S
D
I
,
V
0
1
=
D
A
3
=5
8
S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
n
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
1ID
V
,
A
3
=
S
G
V
4
=0
70
9m
R
)
n
o
(
S
D
2ID
V
,
A
1
=
S
G
V
5
.
2
=5
0
14
4
1m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
6F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
0
3F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5
1F
p


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn