Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FTD2022 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. FTD2022
Description  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

FTD2022 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.6462-2/4
FTD2022
PW=10
µs
D.C.
≤1%
10V
0V
Vin
P.G
50
G
S
ID=4.5A
RL=3.33Ω
VDD=15V
VOUT
Vin
D
FTD2022
Switching Time Test Circuit
Electrical Connection
Continued from preceding page.
D2 S2 S2 G2
D1 S1 S1 G1
(Top view)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Ttd
)
n
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S9
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S3
7s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Ttd
)
f
f
o
(t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S1
4s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S4
5s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
Q
V S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
5
.
4
=
0
1C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
Q
5
.
1C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
Q
0
.
1C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
5
.
4
=
S
G
0
=9
7
.
02
.
1V
10
9
8
7
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ID -- VDS
VGS=2.5V
3.0V
0
10
9
8
7
6
5
4
3
2
1
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
ID -- VGS
VDS=10V
60
55
50
45
40
35
30
25
20
15
10
5
0
02
4
6
8
10
12
14
16
18
20
RDS(on) -- VGS
ID=4.5A
4.0A
0
RDS(on) -- Ta
60
50
40
30
20
10
--50
--25
0
25
50
75
100
125
150
IT00557
IT00558
IT00559
IT00560
Ta=25
°C
I D
=4.0A,
V GS
=4.5V
ID=4.5A,
VGS
=10.0V
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Ambient Temperature, Ta –
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn