Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33905D3EK Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCZ33905D3EK
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33905D3EK Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33905D3EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33905D3EK Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33903/4/5
PIN CONNECTIONS
15
12
12
N/A
VCAUX
Output
VCOLLECTOR
Auxiliary
Output pin for external path PNP transistor
collector
16
13
13
N/A
VAUX
Output
VOUT Auxiliary
Output pin for the auxiliary voltage.
17
14
14
N/A
MUX-OUT
Output
Multiplex Output
Multiplexed output to be connected to an MCU A/
D input. Selection of the analog parameter
available at MUX-OUT is done via the SPI. A
switchable internal pull-down resistor is integrated
for VDD current sense measurements.
18
15
15
15
I/O-0
Input/Output
Input/Output 0
Configurable pin as an input or output, for
connection to external circuitry (switched or small
load). The voltage level can be read by the SPI
and via the MUX output pin. The input can be used
as a programmable wake-up input in Low Power
mode. In low power, when used as an output, the
high side or low side can be activated for a cyclic
sense function.
19
16
16
16
DBG
Input
Debug
Input to activate the Debug mode. In Debug
mode, no watchdog refresh is necessary. Outside
of Debug mode, connection of a resistor between
DBG and GND allows the selection of Safe mode
functionality.
23
N/A
N/A
N/A
TXD-L2
Input
LIN Transmit
Data 2
LIN bus transmit data input. Includes an internal
pull-up resistor to VDD.
24,31
N/A
N/A
N/A
GND
Ground
Ground
Ground of the IC.
25
N/A
N/A
N/A
RXD-L2
Output
LIN Receive
Data
LIN bus receive data output.
26
N/A
N/A
N/A
LIN2
Input/Output
LIN bus
LIN bus input output connected to the LIN bus.
36
17
17
N/A
33905D LIN-1
33905S LIN
Input/Output
LIN bus
LIN bus input output connected to the LIN bus.
37
18
18
N/A
33905D TXD-L1
33905S TXD-L
Input
LIN Transmit
Data
LIN bus transmit data input. Includes an internal
pull-up resistor to VDD.
38
19
19
N/A
33905D RXD-L1
33905S RXD-L
Output
LIN Receive
Data
LIN bus receive data output.
39
20
20
N/A
VSENSE
Input
Sense input
Direct battery voltage input sense. A serial resistor
is required to limit the input current during high
voltage transients.
40
21
21
N/A
I/O-1
Input/Output
Input Output 1
Configurable pin as an input or output, for
connection to external circuitry (switched or small
load). The voltage level can be read by the SPI
and via the MUX output pin. The input can be used
as a programmable wake-up input in Low Power
mode. Can be used in association with I/O-0 for a
cyclic sense function in Low Power mode.
41
22
22
22
RST
Output
Reset Output
(Active LOW)
This is the device reset output whose main
function is to reset the MCU. This pin has an
internal pull-up to VDD. The reset input voltage is
also monitored in order to detect external reset
and safe conditions.
Table 2. 33903/4/5 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 30.
Pin #
33905D
Pin #
33905S
Pin #
33904
Pin #
33903
Pin Name
Pin Function
Formal Name
Definition


Similar Part No. - MCZ33905D3EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33905D5EK FREESCALE-MCZ33905D5EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905D5EK-R2 FREESCALE-MCZ33905D5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905D5EK/R2 FREESCALE-MCZ33905D5EK/R2 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MCZ33905D5EK/R2 NXP-MCZ33905D5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
MCZ33905D5R2 FREESCALE-MCZ33905D5R2 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Similar Description - MCZ33905D3EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com