Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1767 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # TC1767
Description  32-Bit Single-Chip Microcontroller
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1767 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button TC1767 Datasheet HTML 81Page - Infineon Technologies AG TC1767 Datasheet HTML 82Page - Infineon Technologies AG TC1767 Datasheet HTML 83Page - Infineon Technologies AG TC1767 Datasheet HTML 84Page - Infineon Technologies AG TC1767 Datasheet HTML 85Page - Infineon Technologies AG TC1767 Datasheet HTML 86Page - Infineon Technologies AG TC1767 Datasheet HTML 87Page - Infineon Technologies AG TC1767 Datasheet HTML 88Page - Infineon Technologies AG TC1767 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
TC1767
Electrical Parameters
Data Sheet
81
V1.3, 2009-09
5.1.4
Operating Conditions
The following operating conditions must not be exceeded in order to ensure correct
operation of the TC1767. All parameters specified in the following table refer to these
operating conditions, unless otherwise noted.
Table 9
Operating Condition Parameters
Parameter
Symbol
Values
Unit Note /
Test Condition
Min.
Typ. Max.
Digital supply voltage
1)
V
DD
SR
V
DDOSC
SR
1.42
1.58
2)
V–
V
DDP
SR
V
DDOSC3 SR
3.13
3.47
3)
V
For Class A pins
(3.3 V
± 5%)
V
DDFL3
SR 3.13
3.47
3)
V–
Analog supply voltages
V
DDMF SR
3.13
3.47
3)
VFADC
V
DDAF
SR
1.42
1.58
2)
VFADC
V
DDM
SR 4.75
5.25
V
For Class D
E
pins, ADC
Digital ground voltage
V
SS
SR 0
V
Ambient temperature
under bias
T
A
SR –
-40
+125
°C–
Analog supply voltages
See separate
specification
Page 88,
Page 93
Overload current at
class D pins
I
OV
-1
3
mA
4)
Sum of overload current
at class D pins
Σ|I
OV|
10
mA
per single ADC
Overload coupling
factor for analog inputs
5)
K
OVAP
––
5
×10-5
0 <
I
OV < 3 mA
K
OVAN
––
5
×10-4
-1 mA <
I
OV < 0
CPU & LMB Bus
Frequency
f
CPU
SR
133
80
MHz Derivative
dependent
PCP Frequency
f
PCP
SR
133
80
MHz
6)Derivative
dependent
FPI Bus Frequency
f
SYS
SR
80
MHz
6)
Short circuit current
I
SC
SR -5
+5
mA
7)


Similar Part No. - TC1767

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC176-198-S ACE-TC176-198-S Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Infineon Technologies A...
TC1762 INFINEON-TC1762 Datasheet
858Kb / 114P
   32-Bit Single-Chip Microcontroller TriCore
V1.0, Apr. 2008
TC1765 INFINEON-TC1765 Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765N INFINEON-TC1765N Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
TC1765T INFINEON-TC1765T Datasheet
1Mb / 88P
   32-Bit Single-Chip Microcontroller
V1.2, Dec. 2002
More results

Similar Description - TC1767

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
   32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
   32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
   32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Epson Company
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
   32-bit Single Chip Microcontroller
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H_15 Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
logo
Infineon Technologies A...
TC11IB INFINEON-TC11IB Datasheet
1Mb / 108P
   32-Bit Single-Chip Microcontroller
V2.3, Nov. 2003
logo
Panasonic Semiconductor
MN103SFM8K PANASONIC-MN103SFM8K Datasheet
486Kb / 25P
   32-bit Single-chip Microcontroller
MN103SJ7 PANASONIC-MN103SJ7 Datasheet
473Kb / 16P
   32-bit Single-chip Microcontroller
logo
Infineon Technologies A...
TC260 INFINEON-TC260 Datasheet
4Mb / 318P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-06
TC233 INFINEON-TC233 Datasheet
7Mb / 238P
   32-Bit Single-Chip Microcontroller
V 1.0, 2017-03
logo
Renesas Technology Corp
V850E2FL4-H RENESAS-V850E2FL4-H Datasheet
2Mb / 80P
   32-bit Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com