Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5523 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5523
Description  400 MHz to 4000 MHz Low Noise Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5523 Datasheet(HTML) 1 Page - Analog Devices

  ADL5523_09 Datasheet HTML 1Page - Analog Devices ADL5523_09 Datasheet HTML 2Page - Analog Devices ADL5523_09 Datasheet HTML 3Page - Analog Devices ADL5523_09 Datasheet HTML 4Page - Analog Devices ADL5523_09 Datasheet HTML 5Page - Analog Devices ADL5523_09 Datasheet HTML 6Page - Analog Devices ADL5523_09 Datasheet HTML 7Page - Analog Devices ADL5523_09 Datasheet HTML 8Page - Analog Devices ADL5523_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
400 MHz to 4000 MHz
Low Noise Amplifier
ADL5523
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Operation from 400 MHz to 4000 MHz
Noise figure of 0.8 dB at 900 MHz
Requires few external components
Integrated active bias control circuit
Integrated dc blocking capacitors
Adjustable bias for low power applications
Single-supply operation from 3 V to 5 V
Gain of 21.5 dB at 900 MHz
OIP3 of 34.0 dBm at 900 MHz
P1dB of 21.0 dBm at 900 MHz
Small footprint LFCSP
Pin-compatible version with 20.8 dB gain available
FUNCTIONAL BLOCK DIAGRAM
1
VBIAS
2
RFIN
3
NC
4
NC
7RFOUT
8VPOS
6NC
5NC
ACTIVE
BIAS
ADL5523
NC = NO CONNECT
Figure 1.
GENERAL DESCRIPTION
The ADL5523 is a high performance GaAs pHEMT low noise
amplifier. It provides high gain and low noise figure for single-
downconversion IF sampling receiver architectures as well as
direct-downconversion receivers.
The ADL5523 provides a high level of integration by incorporating
the active bias and the dc blocking capacitors, making it very
easy to use while not sacrificing design flexibility.
The ADL5523 is easy to tune, requiring only a few external
components. The device can support operation from 3 V to 5 V,
and the current draw can be adjusted with the external bias
resistor for applications requiring very low power consumption.
The ADL5523 comes in a compact, thermally enhanced, 3 mm ×
3 mm LFCSP and operates over the temperature range of
−40°C to +85°C.
A fully populated evaluation board is also available.


Similar Part No. - ADL5523_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
376Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523-EVALZ AD-ADL5523-EVALZ Datasheet
677Kb / 21P
   Low Noise Amplifier
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523ACPZ-R7 AD-ADL5523ACPZ-R7 Datasheet
376Kb / 6P
   400 MHz - 4 GHz Low Noise Amplifier
Rev. PrA
More results

Similar Description - ADL5523_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
   400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5521 AD-ADL5521_08 Datasheet
2Mb / 45P
   400 MHz - 4000 MHz Low Noise Amplifier
Rev. PrC
logo
Qorvo, Inc
SPF5043Z QORVO-SPF5043Z Datasheet
1Mb / 14P
   50 MHz to 4000 MHz Low-Noise Amplifier
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
   400 MHz to 4000 MHz
REV. B
logo
Qorvo, Inc
SGL0622Z QORVO-SGL0622Z Datasheet
509Kb / 8P
   5 MHz to 4000 MHz, Low-Noise SiGe HBT MMIC Amplifier
logo
BeRex Corporation
BL011 BEREX-BL011_18 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL011 BEREX-BL011_1 Datasheet
1Mb / 16P
   5-4000 MHz Wideband Low Noise Amplifier
BL081 BEREX-BL081_1 Datasheet
1Mb / 15P
   5-4000 MHz Wideband Low Noise Amplifier
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
   Low Noise Amplifier 50??400 to 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com