Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5338 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5338
Description  I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5338 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5338 Datasheet HTML 1Page - Silicon Laboratories SI5338 Datasheet HTML 2Page - Silicon Laboratories SI5338 Datasheet HTML 3Page - Silicon Laboratories SI5338 Datasheet HTML 4Page - Silicon Laboratories SI5338 Datasheet HTML 5Page - Silicon Laboratories SI5338 Datasheet HTML 6Page - Silicon Laboratories SI5338 Datasheet HTML 7Page - Silicon Laboratories SI5338 Datasheet HTML 8Page - Silicon Laboratories SI5338 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
Rev. 0.6 9/10
Copyright © 2010 by Silicon Laboratories
Si5338
Si5338
I 2C-P ROGRAMMABLE A NY-F REQUENCY, A NY-O UTPUT Q UAD C LOCK G ENERATOR
Features
Applications
Description
The Si5338 is a high-performance, low-jitter clock generator capable of
synthesizing any frequency on each of the device's four output drivers. This timing
IC is capable of replacing up to four different frequency crystal oscillators or
operating as a frequency translator. Using its patented MultiSynth™ technology,
the Si5338 allows generation of four independent clocks with 0 ppm precision.
Each output clock is independently configurable to support various signal formats
and supply voltages. The Si5338 provides low-jitter frequency synthesis in a
space-saving 4 x 4 mm QFN package. The device is programmable via an I2C/
SMBus-compatible serial interface and supports operation from a 1.8, 2.5, or
3.3 V core supply. I2C device programming is made easy with the ClockBuilder™
Desktop software available at www.silabs.com/ClockBuilder.
Low power MultiSynth™ technology
enables independent, any-frequency
synthesis on four differential output
drivers
Highly-configurable output drivers with
up to four differential outputs, eight
single-ended clock outputs, or a
combination of both
Low phase jitter of 0.7 ps RMS typ
High precision synthesis allows true
zero ppm frequency accuracy on all
outputs
Flexible input reference:

External crystal: 8 to 30 MHz

CMOS input: 5 to 200 MHz

SSTL/HSTL input: 5 to 350 MHz

Differential input: 5 to 710 MHz
Independently configurable outputs
support any frequency or format:

LVPECL/LVDS: 0.16 to 710 MHz

HCSL: 0.16 to 250 MHz

CMOS: 0.16 to 200 MHz

SSTL/HSTL: 0.16 to 350 MHz
Independent output voltage per driver:
1.5, 1.8, 2.5, or 3.3 V
Single supply core with excellent
PSRR: 1.8, 2.5, 3.3 V
Independent frequency increment/
decrement feature enables
glitchless frequency adjustments in
1 ppm steps
Independent phase adjustment on
each of the output drivers with an
accuracy of <20 ps steps
Highly configurable spread
spectrum (SSC) on any output:

Any frequency from 5 to 350 MHz

Any spread from 0.5 to 5.0%

Any modulation rate from 33 to
63 kHz
External feedback mode allows
zero-delay mode
Loss of lock and loss of signal
alarms
I2C/SMBus compatible interface
Easy to use programming software
Small size: 4 x 4 mm, 24-QFN
Low power: 45 mA core supply typ
Wide temperature range: –40 to
+85 °C
Ethernet switch/router
PCI Express 2.0/3.0
Broadcast video/audio timing
Processor and FPGA clocking
Any-frequency clock conversion
MSAN/DSLAM/PON
Fibre Channel, SAN
Telecom line cards
Ordering Information:
See page 168.
Pin Assignments
IN1
CLK2B
CLK2A
VDDO2
VDDO1
CLK1B
CLK1A
GND
GND
Pad
5
4
3
2
1
6
13
10
9
8
7
IN2
IN3
IN4
IN5
IN6
Top View
11
12
15
14
16
17
18
19
20
21
22
23
24


Similar Part No. - SI5338

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5338A SKYWORKS-SI5338A Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
logo
Silicon Laboratories
SI5338A-B-GMR SILABS-SI5338A-B-GMR Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338B SKYWORKS-SI5338B Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
More results

Similar Description - SI5338

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com