Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1632C183RAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1632C183RAC
Description  Four individual capacitors inside one 1206 monolithic structure
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1632C183RAC Datasheet(HTML) 2 Page - Kemet Corporation

  C1632C183RAC Datasheet HTML 1Page - Kemet Corporation C1632C183RAC Datasheet HTML 2Page - Kemet Corporation C1632C183RAC Datasheet HTML 3Page - Kemet Corporation C1632C183RAC Datasheet HTML 4Page - Kemet Corporation C1632C183RAC Datasheet HTML 5Page - Kemet Corporation C1632C183RAC Datasheet HTML 6Page - Kemet Corporation C1632C183RAC Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CHIP ARRAY
TABLE 2A
C0G DIELECTRIC – CAPACITANCE RANGE
(1) To complete the KEMET part number, insert the alpha code for the tolerance desired.
K = ±10% and M = ±20% – standard tolerance. Contact factory for any special requirements.
(2) To complete the KEMET part number, insert appropriate number for voltage desired:
"5" = 50 volts, "3" = 25 volts, "4" = 16 volts, and "8" = 10 volts.
Capacitance
Values (pF)
KEMET Part Number
Capacitance
Tolerance
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
C1632C100(1)(2)GAC
C1632C120(1)(2)GAC
C1632C150(1)(2)GAC
C1632C180(1)(2)GAC
C1632C220(1)(2)GAC
C1632C270(1)(2)GAC
C1632C330(1)(2)GAC
C1632C390(1)(2)GAC
C1632C470(1)(2)GAC
C1632C560(1)(2)GAC
C1632C680(1)(2)GAC
C1632C820(1)(2)GAC
C1632C101(1)(2)GAC
C1632C121(1)(2)GAC
C1632C151(1)(2)GAC
C1632C181(1)(2)GAC
C1632C221(1)(2)GAC
C1632C271(1)(2)GAC
C1632C331(1)(2)GAC
C1632C391(1)(2)GAC
C1632C471(1)(2)GAC
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
16V
25V
50V
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
LAND PATTERN DIMENSIONS - CERAMIC CHIP
CAPACITOR ARRAYS - MM
Z
2.80
G
0.40
X
0.52
Y(ref)
1.20
C(ref)
1.60
Reflow Solder
Calculation Formula
Z = Lmin + 2Jt + Tt
G = Smax - 2Jh -Th
X = Wmin + 2Js + Ts
Tt, Th, Ts = Combined
tolerances
3216
Dimension
1632 CERAMIC ARRAY
LAND PATTERN LAYOUT
G
8 Places
X
P
Z
Y
6 Places
C
Additional pad dimension information is available in
KEMET Technical Bulletin F-2100.
TABLE 2B
X7R DIELECTRIC – CAPACITANCE RANGE
(1) To complete the KEMET part number, insert the alpha code for the tolerance desired:
K = ±10% and M = ±20% – standard tolerances. Contact factory for any special requirements.
(2) To complete the KEMET part number, insert appropriate number for voltage desired:
"5" = 50 volts, "3" = 25 volts, "4" = 16 volts, and "8" = 10 volts.
Capacitance
Values (pF)
KEMET Part Number
Capacitance
Tolerance
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10,000
12,000
15,000
18,000
22,000
27,000
33,000
39,000
47,000
56,000
68,000
82,000
100,000
C1632C331(1)(2)RAC
C1632C391(1)(2)RAC
C1632C471(1)(2)RAC
C1632C561(1)(2)RAC
C1632C681(1)(2)RAC
C1632C821(1)(2)RAC
C1632C102(1)(2)RAC
C1632C122(1)(2)RAC
C1632C152(1)(2)RAC
C1632C182(1)(2)RAC
C1632C222(1)(2)RAC
C1632C272(1)(2)RAC
C1632C332(1)(2)RAC
C1632C392(1)(2)RAC
C1632C472(1)(2)RAC
C1632C562(1)(2)RAC
C1632C682(1)(2)RAC
C1632C822(1)(2)RAC
C1632C103(1)(2)RAC
C1632C123(1)(2)RAC
C1632C153(1)(2)RAC
C1632C183(1)(2)RAC
C1632C223(1)(2)RAC
C1632C273(1)(2)RAC
C1632C333(1)(2)RAC
C1632C393(1)(2)RAC
C1632C473(1)(2)RAC
C1632C563(1)(2)RAC
C1632C683(1)(2)RAC
C1632C823(1)(2)RAC
C1632C104(1)(2)RAC
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
K,M
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
273
333
393
473
563
683
823
104
16V
25V
50V
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
123
153
183
223
10V
10V
100V
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
200V
100
120
150
180
220
270
330
390
470
560
680
820
100V
331
391
471
561
200V
331
391
471
561
681
821
102
122
152
182
222
272
332
392
472
P(ref)
0.80
86


Similar Part No. - C1632C183RAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1632C18311RAC KEMET-C1632C18311RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
C1632C18312RAC KEMET-C1632C18312RAC Datasheet
937Kb / 7P
   CERAMIC CAPACITOR ARRAY
More results

Similar Description - C1632C183RAC

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
MSMF05C SEMITECH-MSMF05C Datasheet
181Kb / 3P
   Monolithic Structure
logo
Zowie Technology Corpor...
GBU802LC ZOWIE-GBU802LC Datasheet
68Kb / 2P
   Internal structure with GPRC (glass passivated rectifier chip) inside
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
TT Electronics.
PCA TTELEC-PCA Datasheet
459Kb / 3P
   Four elements in 1206 footprint
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
   ONE TO FOUR HCSL CLOCK BUFFER
logo
STMicroelectronics
AN2067 STMICROELECTRONICS-AN2067 Datasheet
712Kb / 25P
   LED manufacturers propose white LEDs inside a monolithic chip
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
Maxim Integrated Produc...
MAX745EVKIT MAXIM-MAX745EVKIT Datasheet
600Kb / 4P
   Charges One to Four Li-Ion Cells
Rev 3; 9/03
logo
Phihong USA Inc.
PSA45-033 PHIHONG-PSA45-033 Datasheet
136Kb / 2P
   One to Four Output 3x5 Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com