Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC28L201 Datasheet(PDF) 81 Page - NXP Semiconductors

Part # SC28L201
Description  3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC28L201 Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button SC28L201 Datasheet HTML 77Page - NXP Semiconductors SC28L201 Datasheet HTML 78Page - NXP Semiconductors SC28L201 Datasheet HTML 79Page - NXP Semiconductors SC28L201 Datasheet HTML 80Page - NXP Semiconductors SC28L201 Datasheet HTML 81Page - NXP Semiconductors SC28L201 Datasheet HTML 82Page - NXP Semiconductors SC28L201 Datasheet HTML 83Page - NXP Semiconductors SC28L201 Datasheet HTML 84Page - NXP Semiconductors SC28L201 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 110 page
background image
9397 750 13138
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 31 October 2005
81 of 110
Philips Semiconductors
SC28L201
3.3 V, 5 V UART, 3.125 Mbit/s, with 256-byte FIFO
Table 71:
I/OPCR2 - I/O Port Configuration Register (address 0x1B) bit description
Bit
Symbol
Description
7:6
I/O3B control
00 = GPI
01 = OPR[3] B
10 = reserved
11 = C/T 0 output (open-drain)
5:4
I/O2B control
00 = GPI/DSRN A
01 = OPR[2] B
10 = RxC A (1
×) output
11 = CT 1 output (open-drain)
3:2
reserved
1:0
I/O0B control
00 = GPI
01 = OPR[0] B
10, 11 = reserved
Table 72:
I/OPCR3 - I/O Port Configuration Register (address 0x1C) bit description
Bit
Symbol
Description
7:6
returns ‘0’ on a read cycle
5:4
I/O6B control
00 = GPI/RIN A
01 = OPR[6] B
10 = TxINTN A (open-drain)
11 = reserved
3:2
returns ‘0’ on a read cycle
1:0
I/O4B control
00 = GPI/DCDN A
01 = OPR[4] B
10 = RxINTN A (open-drain)
11 = reserved


Similar Part No. - SC28L201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1 PHILIPS-SC28L202A1 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1B PHILIPS-SC28L202A1B Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC28L202A1D PHILIPS-SC28L202A1D Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
More results

Similar Description - SC28L201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752B-EP TI-TL16C752B-EP Datasheet
454Kb / 35P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com