Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C114G2002G5C Datasheet(PDF) 7 Page - Kemet Corporation

Part No. C114G2002G5C
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C114G2002G5C Datasheet(HTML) 7 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
34
CERAMIC MOLDED/AXIAL
& RADIAL — MIL-PRF-20
Lead Dia.
.025
(+.004
-.002)
W
.026
MIN.
H
L
S
W
.045
MAX.
H
1.25
MIN.
L
S
W
H
1.25
MIN.
L
S
W
Center Line of leads within .030" of Center Line of case.
H
1.25
MIN.
S
.026
MIN.
L
C052 (CC05, CCR05)
C056 (CCR05)
C062 (CC06, CCR06), C512 (CC07, CCR07),
C522 (CC08, CCR08)
C066 (CCR06)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
Lead Dia.
.025
(+.004
-.002)
1.25
MIN.
DIMENSIONS — INCHES (MILLIMETERS)
D
L
C
1.50 Min.
(38.10)
1.50 Min.
(38.10)
CAPACITOR OUTLINE DRAWINGS - (AXIAL LEADS)
CAPACITOR OUTLINE DRAWINGS (AXIAL LEADS)
CAPACITOR OUTLINE DRAWINGS (RADIAL LEADS)
DIMENSIONS — INCHES (MILLIMETERS)
For packaging information, see pages 46, 47, and 48.
Note: Leads are .625 minimum when tape and reel packaged
* 0.200 (5.08) maximum for 100,000 pF only.
Case
Size
Military
EquivalentStyles
H
Height
L
Length
W
Width
SLead
Spacing
C052/
C056
CC05, CCR05 .190 ± .010 (4.83 ± .25) .190 ± .010 (4.83 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38)
C062/
C066
CC06, CCR06 .290 ± .010 (7.37 ± .25) .290 ± .010 (7.37 ± .25) .090 ± .010 (2.29 ± .25) .200 ± .015 (5.08 ± .38)
C512
CC07, CCR07 .480 ± .020 (12.19 ± .51) .480 ± .020 (12.19 ± .51) *.140 ± .010 (3.56 ± .25) .400 ± .020 (10.16 ± .51)
C522
CC08, CCR08 .480 ± .020 (12.19 ± .51) .480 ± .020 (12.19 ± .51) .240 ± .010 (6.10 ± .25) .400 ± .020 (10.16 ± .51)
Case
Size
Military
Equivalent Styles
L
Length
D
Body Diameter
C
Lead Diameter
C114
CC75, CCR75
.160 ± .010 (4.06 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C124
CC76, CCR76
.250 ± .010 (6.35 ± .25)
.090 ± .010 (2.29 ± .25)
.020, +.000, -.003 (.51, +.00, -.08)
C192
CC77, CCR77
.390 ± .010 (9.91 ± .25)
.140 ± .010 (3.56 ± .25)
.025, +.004, -.001 (.64, +.10, -.025)
C202
CC78, CCR78
.500 ± .020 (12.70 ± .51)
.250 ± .015 (6.35 ± .38)
.025, +.004, -.001 (.64, +.10, -.025)
C222
CC79, CCR79
.690 ± .020 (17.53 ± .51)
.350 ± .015 (8.89 ± .38)
.025, +.004, -.001 (.64, +.10, -.025)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn