Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C114C-K-G Datasheet(PDF) 6 Page - Kemet Corporation

Part No. C114C-K-G
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C114C-K-G Datasheet(HTML) 6 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IMPEDANCE VS FREQUENCY
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for C0G Dielectric
Figure 10.
EFFECT OF FREQUENCY
-0.1
0
+0.2
-0.2
+0.1
0.10
0.20
0.0
Frequency - Hertz
Capacitance & DF vs Frequency - C0G
Figure 8.
Typical Aging Rates for X7R & Z5U
Figure 13.
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
100%
110
100
1000
10K
100K
EFFECT OF TIME
-10
-5
+5
-15
0
5.0
10.0
0.0
2.5
7.5
Frequency - Hertz
Capacitance & DF vs Frequency - X7R & Z5U
Figure 9.
.01 F
.001 F
1001K
10K
100K1M
10M
1001K
10K
100K1M
10M
% C
%DF
Z5U
X7R
%DF
% C
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for Z5U Dielectric
Figure 12.
110
100
1,000
0.001
0.01
1
10
100
0.1
0.1
Frequency - MHz
Impedance vs Frequency for X7R Dielectric
Figure 11.
0.1 F
1.0 F
0.1 F
.01 F
1.0 F
Impedance vs. Frequency
Leaded Ceramic C0G
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.01µF
0.001µF
Leaded X7R
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.01µF
0.1µF
Impedance vs. Frequency
1.0µF
Impedance vs. Frequency
Leaded Z5U
0.01
0.1
1
10
100
0.1
1
1 0
100
1000
Frequency - MHz
0.1µF
1.0µF
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
100%
74%
76%
78%
80%
82%
84%
86%
88%
90%
92%
94%
96%
98%
X7R
Z5U
1
10
100
1000
10K
100K
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
9
APPLICATION NOTES FOR MULTILAYER
CERAMIC CAPACITORS
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
Impedance vs Frequency
for C0G Dielectric
Figure 10.
Impedance vs Frequency
for Z5U Dielectric
Figure 12.
Impedance vs Frequency
for X7R Dielectric
Figure 11.
(hours)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn