![]() |
Electronic Components Datasheet Search |
|
C114C-K-G Datasheet(PDF) 8 Page - Kemet Corporation |
|
C114C-K-G Datasheet(HTML) 8 Page - Kemet Corporation |
8 / 14 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 22 CERAMIC CONFORMALLY COATED/RADIAL HIGH VOLTAGE “GOLD MAX” DIMENSIONS - INCHES (MILLIMETERS) For packaging information, see pages 47, and 48. MARKING INFORMATION K6D 102K K6DR 103K K6G 102K 1000V 0814 KEMET Series Capacitance, Tolerance Voltage Capacitance, Tolerance Dielectric Voltage Series KEMET Capacitance, Tolerance Voltage Series KEMET Rated Voltage Date Code C617 & C62X C63X C64X, C65X, C66X Front View Back View CAPACITOR OUTLINE DRAWING C617 .250 (6.35) .220 (5.59) .200 (5.08) .170 (4.32) .025 (0.64) .276 (7.00) C622/3 .320 (8.13) .280 (7.11) .250 (6.35) .220 (5.59) .025 (0.64) .276 (7.00) C627/8 .370 (9.40) .300 (7.62) .250 (6.35) .275 (6.98) .025 (0.64) .276 (7.00) C630/1 .450 (11.40) .220 (5.59) .200 (5.08) .300 (7.62) .025 (0.64) .276 (7.00) C637/8 .470 (11.90) .400 (10.20) .270 (6.89) .375 (9.52) .025 (0.64) .276 (7.00) C640/1 .550 (14.00) .280 (7.11) .250 (6.35) .400 (10.16) .025 (0.64) .276 (7.00) C642/3 .500 (12.70) .560 (14.22) .200 (5.08) .400 (10.16) .025 (0.64) .276 (7.00) C647/8 .570 (14.50) .500 (12.70) .270 (6.89) .475 (12.06) .025 (0.64) .276 (7.00) C657/8 .670 (17.02) .600 (15.24) .270 (6.89) .575 (14.60) .025 (0.64) .276 (7.00) C667/8 .770 (19.56) .720 (18.29) .270 (6.89) .675 (17.14) .025 (0.64) .276 (7.00) LL Minimum S (Nominal) Lead Spacing ±.030 (.762) LD (Nominal) +.004 (.10) -.001 (.025) Case Size L MAX H MAX T MAX ORDERING INFORMATION C 622 C 102 M D R 5 T A CERAMIC CASE SIZE See TableAbove SPECIFICATION C – Standard CAPACITANCE PICOFARAD CODE Expressed in picofarads (pF). First two digits represent significant figures. Third digit specifies number of zeros. Use 9 for 1.0 thru 9.9 pF. Example 2.2pF = 229 CAPACITANCE TOLERANCE C0G: C – ±0.25pF; D – 0.50pF; J – ±5%; K – ±10%; M – ±20% X7R: K – ±10%; M – ±20%; P – 0, -100%; Z – -20,+80% RATED VOLTAGE (DC) C – 500 G – 2000 D – 1000 Z – 2500 F – 1500 H – 3000 FAILURE RATE A– NotApplicable LEAD MATERIAL T – 100% Tin (Sn) - RoHS) H – 60/40 Tin (Sn)/Lead (Pb) INTERNAL CONSTRUCTION 5 – Multilayer DIELECTRIC EIADesignation G – C0G (NP0) - Ultra Stable R – X7R - Stable |
|