Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C410C104K5R5TA Datasheet(PDF) 10 Page - Kemet Corporation

Part # C410C104K5R5TA
Description  MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C410C104K5R5TA Datasheet(HTML) 10 Page - Kemet Corporation

Back Button C410C104K5R5TA Datasheet HTML 6Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 7Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 8Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 9Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 10Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 11Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 12Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 13Page - Kemet Corporation C410C104K5R5TA Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
13
STABLE TEMPERATURE CHARACTERISTIC — X7R
For packaging information, see pages 46 and 48.
RATINGS & PART NUMBER REFERENCE
CERAMIC CONFORMALLY COATED/AXIAL
“AXIMAX”
Cap
25
50
100
200
250
25
50
100
200
250
25
50
100
200
250
25
50
100
200
250
25
50
100
200
250
10
100
J, K,M
12
120
J, K,M
15
150
J, K,M
18
180
J, K,M
22
220
J, K,M
27
270
J, K,M
33
330
J, K,M
39
390
J, K,M
47
470
J, K,M
56
560
J, K,M
68
680
J, K,M
82
820
J, K,M
100
101
J, K,M
120
121
J, K,M
150
151
J, K,M
180
181
J, K,M
220
221
J, K,M
270
271
J, K,M
330
331
J, K,M
390
391
J, K,M
470
471
J, K,M
560
561
J, K,M
680
681
J, K,M
820
821
J, K,M
1000
102
J, K,M
1200
122
J, K,M
1500
152
J, K,M
1800
182
J, K,M
2200
222
J, K,M
2700
272
J, K,M
3300
332
J, K,M
3900
392
J, K,M
4700
472
J, K,M
5600
562
J, K,M
6800
682
J, K,M
8200
822
J, K,M
.010uF
103
J, K,M
.012
123
J, K,M
.015
153
J, K,M
.018
183
J, K,M
.022
223
J, K,M
.027
273
J, K,M
.033
333
J, K,M
.039
393
J, K,M
.047
473
J, K,M
.056
563
J, K,M
.068
683
J, K,M
.082
823
J, K,M
.10
104
J, K,M
.12
124
J, K,M
.15
154
J, K,M
.18
184
J, K,M
.22
224
J, K,M
.27
274
J, K,M
.33
334
J, K,M
.39
394
J, K,M
.47
474
J, K,M
.56
564
J, K,M
.68
684
J, K,M
.82
824
J, K,M
1.0
105
J, K,M
1.2
125
J, K,M
1.5
155
J, K,M
1.8
185
J, K,M
2.2
225
J, K,M
2.7
275
J, K,M
3.3
335
J, K,M
3.9
395
J, K,M
4.7
475
J, K,M
5.6
565
J, K,M
6.8
685
J, K,M
Style
C440
C420
C430
C412
C410
WVDC
Cap
Code
Cap
Tol
WVDC
WVDC
WVDC
WVDC


Similar Part No. - C410C104K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C104K5R5TA72009207 KEMET-C410C104K5R5TA72009207 Datasheet
228Kb / 2P
   Aximax Axial Leaded MLCCs
C410C104K5R5TA91707200 KEMET-C410C104K5R5TA91707200 Datasheet
67Kb / 1P
   Ceramic, AxiMax, 0.1 uF, 10%, 50 V, X7R, AxiMax, Automotive Grade
More results

Similar Description - C410C104K5R5TA

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C102M1R5TA KEMET-C320C102M1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052G102J1G5CR KEMET-C052G102J1G5CR_10 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com