Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA190451F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFA190451F
Description  Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA190451F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFA190451F Datasheet HTML 2Page - Infineon Technologies AG PTFA190451F Datasheet HTML 3Page - Infineon Technologies AG PTFA190451F Datasheet HTML 4Page - Infineon Technologies AG PTFA190451F Datasheet HTML 5Page - Infineon Technologies AG PTFA190451F Datasheet HTML 6Page - Infineon Technologies AG PTFA190451F Datasheet HTML 7Page - Infineon Technologies AG PTFA190451F Datasheet HTML 8Page - Infineon Technologies AG PTFA190451F Datasheet HTML 9Page - Infineon Technologies AG PTFA190451F Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet
6 of 10
Rev. 03.1, 2009-02-20
PTFA190451E
PTFA190451F
Confidential, Limited Internal Distribution
R3
2K V
C3
0.001µF
C2
0.001µF
Q1
BCP56
R2
1.3K V
QQ1
LM7805
C1
0.001µF
VDD
R5
10 V
R4
2K V
R1
1.2K V
C9
10pF
l1
l10
R9
10 V
DUT
RF_IN
RF_OUT
l7
C6
1µF
C5
0.1µF
C4
10µF
35V
C7
0.01µF
R8
5.1K
C8
10pF
R7
1K V
R6
1K V
C10
2.8pF
l8
l9
l11
l13
C11
10pF
C13
1µF
C12
0.02µF
C14
22µF
50V
C15
0.7pF
C16
10pF
l2
l3
l4
l12
l5
l6
VDD
a190451ef_sch
Circuit Assembly Information
DUT
PTFA190451E or PTFA190451F
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
εr = 3.48
Rogers 4350
1 oz. copper
Microstrip
Electrical Characteristics at 1960 MHz1
Dimensions: L x W ( mm) Dimensions: L x W (in.)
l1
0.031
λ, 50.0 Ω
2.79 x 1.57
0.110 x 0.062
l2
0.089
λ, 50.0 Ω
8.26 x 1.57
0.325 x 0.062
l3
0.076
λ, 50.0 Ω
7.04 x 1.57
0.277 x 0.062
l4
0.045
λ, 6.7 Ω
3.84 x 21.08
0.151 x 0.830
l5
0.014
λ, 6.7 Ω
1.14 x 21.08
0.045 x 0.830
l6
0.007
λ, 77.0 Ω
0.64 x 0.76
0.025 x 0.030
l7
0.123
λ, 72.0 Ω
11.66 x 0.89
0.459 x 0.035
l8
0.016
λ, 8.5 Ω
1.30 x 16.21
0.051 x 0.638
l9
0.096
λ, 8.5 Ω
8.13 x 16.21
0.320 x 0.638
l10
0.171
λ, 67.0 Ω
16.13 x 1.04
0.635 x 0.041
l11
0.053
λ, 41.0 Ω
4.80 x 2.31
0.189 x 0.091
l12
0.063
λ, 41.0 Ω
5.72 x 2.31
0.225 x 0.091
l13
0.030
λ, 54.0 Ω
2.79 x 1.52
0.110 x 0.060
1Electrical characteristics are rounded.
Reference Circuit
Reference circuit schematic for ƒ = 1960 MHz


Similar Part No. - PTFA190451F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA191001F INFINEON-PTFA191001F Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFA192001E INFINEON-PTFA192001E Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
More results

Similar Description - PTFA190451F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com