Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6715MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF6715MPBF
Description  DirectFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6715MPBF Datasheet(HTML) 9 Page - International Rectifier

  IRF6715MPBF_09 Datasheet HTML 1Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 2Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 3Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 4Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 5Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 6Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 7Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 8Page - International Rectifier IRF6715MPBF_09 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRF6715MPbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2009
DirectFET™ Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
MIN
7.90
3.90
11.90
5.45
5.10
6.50
1.50
1.50
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
MAX
8.10
4.10
12.30
5.55
5.30
6.70
N.C
1.60
MIN
0.311
0.154
0.469
0.215
0.201
0.256
0.059
0.059
MAX
0.319
0.161
0.484
0.219
0.209
0.264
N.C
0.063
DIMENSIONS
METRIC
IMPERIAL
STANDARD OPTION (QTY 4800)
MIN
330.0
20.2
12.8
1.5
100.0
N.C
12.4
11.9
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.2
N.C
N.C
18.4
14.4
15.4
MIN
12.992
0.795
0.504
0.059
3.937
N.C
0.488
0.469
MAX
N.C
N.C
0.520
N.C
N.C
0.724
0.567
0.606
METRIC
IMPERIAL
TR1 OPTION (QTY 1000)
IMPERIAL
MIN
6.9
0.75
0.53
0.059
2.31
N.C
0.47
0.47
MAX
N.C
N.C
12.8
N.C
N.C
13.50
12.01
12.01
MIN
177.77
19.06
13.5
1.5
58.72
N.C
11.9
11.9
METRIC
MAX
N.C
N.C
0.50
N.C
N.C
0.53
N.C
N.C
REEL DIMENSIONS
NOTE: Controlling dimensions in mm
Std reel quantity is 4800 parts. (ordered as IRF6715MTRPBF). For 1000 parts on 7"
reel, order IRF6715MTR1PBF


Similar Part No. - IRF6715MPBF_09

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
More results

Similar Description - IRF6715MPBF_09

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MPBF IRF-IRF6716MPBF_09 Datasheet
280Kb / 9P
   DirectFETPower MOSFET
IRF6725MPBF IRF-IRF6725MPBF_09 Datasheet
263Kb / 9P
   DirectFETPower MOSFET
IRF6717MPBF IRF-IRF6717MPBF Datasheet
250Kb / 9P
   DirectFETPower MOSFET
IRF6727MTRPBF IRF-IRF6727MTRPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
IRF6720S2TR1PBF IRF-IRF6720S2TR1PBF_09 Datasheet
279Kb / 10P
   DirectFETPower MOSFET
IRF6637 IRF-IRF6637 Datasheet
265Kb / 9P
   DirectFETPower MOSFET
IRF6674TRPBF IRF-IRF6674TRPBF_08 Datasheet
255Kb / 9P
   DirectFETPower MOSFET
IRF6721SPBF IRF-IRF6721SPBF Datasheet
274Kb / 9P
   DirectFETPower MOSFET
IRF6714MPBF IRF-IRF6714MPBF_09 Datasheet
261Kb / 9P
   DirectFETPower MOSFET
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com