Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM3011 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FODM3011
Description  4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM3011 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FODM3011_09 Datasheet HTML 4Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 5Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 6Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 7Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 8Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 9Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 10Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 11Page - Fairchild Semiconductor FODM3011_09 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODM30XX Rev. 1.0.6
8
Ordering Information
Note:
To specify the new construction version with 260°C max reflow peak temperature rating: Add "NF098" to the end of the
part number. The non NF098 version is rated for 230°C peak reflow temperature.
Marking Information
Option
Description
V_NF098
VDE Approved
R2_NF098
Tape and Reel (2500 units)
R2V_NF098
Tape and Reel (2500 units) and VDE Approved
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
3011
X
VR
YY


Similar Part No. - FODM3011_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FODM3011-NF098 ONSEMI-FODM3011-NF098 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
FODM3011R2 ONSEMI-FODM3011R2 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
FODM3011R2 ONSEMI-FODM3011R2 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
FODM3011R2-NF098 ONSEMI-FODM3011R2-NF098 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
FODM3011R2V ONSEMI-FODM3011R2V Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
More results

Similar Description - FODM3011_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM30XX FAIRCHILD-FODM30XX Datasheet
173Kb / 11P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R2 FAIRCHILD-FODM3012R2 Datasheet
255Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011 Datasheet
942Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October-2017, Rev. 2
logo
Fairchild Semiconductor
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
logo
Fairchild Semiconductor
FODM3051 FAIRCHILD-FODM3051_05 Datasheet
478Kb / 8P
   4-Pin Full Pitch Mini-Flat Package Random Phase Triac Driver Output Optocouplers
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V02 Datasheet
224Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
March, 2022 - Rev. 4
logo
Fairchild Semiconductor
FODM3023R2 FAIRCHILD-FODM3023R2 Datasheet
493Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3010 FAIRCHILD-FODM3010_05 Datasheet
492Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
FODM3012R FAIRCHILD-FODM3012R Datasheet
250Kb / 12P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com