Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC365P Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC365P
Description  P-Channel PowerTrench MOSFET RoHS Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC365P Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC365P Datasheet HTML 1Page - Fairchild Semiconductor FDC365P Datasheet HTML 2Page - Fairchild Semiconductor FDC365P Datasheet HTML 3Page - Fairchild Semiconductor FDC365P Datasheet HTML 4Page - Fairchild Semiconductor FDC365P Datasheet HTML 5Page - Fairchild Semiconductor FDC365P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
©2007 Fairchild Semiconductor Corporation
FDC365P Rev.C
Figure 7.
036
9
12
0
2
4
6
8
10
ID = -4.2A
VDD = -25V
VDD = -15V
Qg, GATE CHARGE(nC)
VDD = -20V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1000
35
f = 1MHz
VGS = 0V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
30
Capacitance vs Drain
to Source Voltage
Figure 9.
0.1
1
10
100
0.01
0.1
1
10
THIS AREA IS
LIMITED BY r
DS(on)
0.1ms
1ms
100ms
30
1s
DC
10s
10ms
SINGLE PULSE
TJ = MAX RATED
RθJA = 156
oC/W
TA = 25
oC
-VDS, DRAIN to SOURCE VOLTAGE (V)
Forward Bias Safe
Operating Area
Figure 10.
10
-4
10
-3
10
-2
10
-1
110
100
1000
1
10
100
400
SINGLE PULSE
RθJA = 156
o
C/W
T
A = 25
o
C
V
GS = -10V
t, PULSE WIDTH (s)
0.5
Single Pulse Maximum Power Dissipation
Figure 11. Transient Thermal Response Curve
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
RθJA = 156
o
C/W
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25°C unless otherwise noted


Similar Part No. - FDC365P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
More results

Similar Description - FDC365P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC5614P FAIRCHILD-FDMC5614P Datasheet
263Kb / 7P
   P-Channel PowerTrench MOSFET
FDC365P FAIRCHILD-FDC365P_07 Datasheet
308Kb / 6P
   P-Channel PowerTrench MOSFET
FDMC86265P FAIRCHILD-FDMC86265P Datasheet
288Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86163P FAIRCHILD-FDMS86163P Datasheet
333Kb / 8P
   P-Channel PowerTrench MOSFET
FDMS86263P FAIRCHILD-FDMS86263P Datasheet
351Kb / 8P
   P-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD9509L-F085 ONSEMI-FDD9509L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDN86265P FAIRCHILD-FDN86265P Datasheet
270Kb / 7P
   P-Channel PowerTrench MOSFET
FDMC86139P FAIRCHILD-FDMC86139P Datasheet
384Kb / 8P
   P-Channel PowerTrench MOSFET
FDMC86259P FAIRCHILD-FDMC86259P Datasheet
179Kb / 8P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com