Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640HVMKX-H Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP8640HVMKX-H
Description  Precision High Voltage Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP8640HVMKX-H Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMP8640HVMKX-H Datasheet HTML 3Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 4Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 5Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 6Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 7Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 8Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 9Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 10Page - National Semiconductor (TI) LMP8640HVMKX-H Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ordering Information
Package
Gain
Part Number
Package Marking
Transport Media
NSC Drawing
6-Pin TSOT
20V/V
LMP8640MK-T
AA6A
1k Units Tape and Reel
MK06A
LMP8640MKE-T
250 Units Tape and Reel
LMP8640MKX-T
3k Units Tape and Reel
LMP8640HVMK-T
AB6A
1k Units Tape and Reel
LMP8640HVMKE-T
250 Units Tape and Reel
LMP8640HVMKX-T
3k Units Tape and Reel
6-Pin TSOT
50V/V
LMP8640MK-F
AC6A
1k Units Tape and Reel
MK06A
LMP8640MKE-F
250 Units Tape and Reel
LMP8640MKX-F
3k Units Tape and Reel
LMP8640HVMK-F
AD6A
1k Units Tape and Reel
LMP8640HVMKE-F
250 Units Tape and Reel
LMP8640HVMKX-F
3k Units Tape and Reel
6-Pin TSOT
100V/V
LMP8640MK-H
AE6A
1k Units Tape and Reel
MK06A
LMP8640MKE-H
250 Units Tape and Reel
LMP8640MKX-H
3k Units Tape and Reel
LMP8640HVMK-H
AF6A
1k Units Tape and Reel
LMP8640HVMKE-H
250 Units Tape and Reel
LMP8640HVMKX-H
3k Units Tape and Reel
7
www.national.com


Similar Part No. - LMP8640HVMKX-H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8640HVMKX-H TI1-LMP8640HVMKX-H Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HVMKX-H/NOPB TI1-LMP8640HVMKX-H/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640HVMKX-H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com