Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7524D1GPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7524D1GPBF
Description  FETKY MOSFET & Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7524D1GPBF Datasheet(HTML) 3 Page - International Rectifier

  IRF7524D1GPBF Datasheet HTML 1Page - International Rectifier IRF7524D1GPBF Datasheet HTML 2Page - International Rectifier IRF7524D1GPBF Datasheet HTML 3Page - International Rectifier IRF7524D1GPBF Datasheet HTML 4Page - International Rectifier IRF7524D1GPBF Datasheet HTML 5Page - International Rectifier IRF7524D1GPBF Datasheet HTML 6Page - International Rectifier IRF7524D1GPBF Datasheet HTML 7Page - International Rectifier IRF7524D1GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7524D1GPbF
www.irf.com
3
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.01
0.1
1
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Gate-to-Source Voltage (V)
V
= -10V
20µs PULSE WIDTH
DS
0.0
0.5
1.0
1.5
2.0
-60 -40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
I = -1.2A
V
= -4.5V
D
GS
0.01
0.1
1
10
0.1
1
10
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
-7.50V
-5.00V
-4.00V
-3.50V
-3.00V
-2.50V
-2.00V
-1.50V
-V
, Drain-to-Source Voltage (V)
DS
-1.50V
0.01
0.1
1
10
0.1
1
10
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
-7.50V
-5.00V
-4.00V
-3.50V
-3.00V
-2.50V
-2.00V
-1.50V
-V
, Drain-to-Source Voltage (V)
DS
-1.50V
Power Mosfet Characteristics


Similar Part No. - IRF7524D1GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7524D1 IRF-IRF7524D1 Datasheet
151Kb / 8P
   FETKY??MOSFET & Schottky Diode(Vdss=-20V, Rds(on)=0.27ohm, Schottky Vf=0.39V)
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Co-packaged HEXFET Power
IRF7524D1PBF IRF-IRF7524D1PBF Datasheet
171Kb / 8P
   Generation 5 Technology
IRF7524D1PBF IRF-IRF7524D1PBF_15 Datasheet
171Kb / 8P
   Generation 5 Technology
More results

Similar Description - IRF7524D1GPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D1 IRF-IRF7353D1 Datasheet
170Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7324D1TR IRF-IRF7324D1TR Datasheet
164Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D1PBF IRF-IRF7807D1PBF Datasheet
168Kb / 8P
   FETKY MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com