Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB3006PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFB3006PBF
Description  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB3006PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFB3006PBF Datasheet HTML 1Page - International Rectifier IRFB3006PBF Datasheet HTML 2Page - International Rectifier IRFB3006PBF Datasheet HTML 3Page - International Rectifier IRFB3006PBF Datasheet HTML 4Page - International Rectifier IRFB3006PBF Datasheet HTML 5Page - International Rectifier IRFB3006PBF Datasheet HTML 6Page - International Rectifier IRFB3006PBF Datasheet HTML 7Page - International Rectifier IRFB3006PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFB3006PbF
www.irf.com
3
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 2. Typical Output Characteristics
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 25°C
3.5V
VGS
TOP
15V
10V
8.0V
6.0V
5.0V
4.5V
4.0V
BOTTOM
3.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
≤ 60μs PULSE WIDTH
Tj = 175°C
3.5V
VGS
TOP
15V
10V
8.0V
6.0V
5.0V
4.5V
4.0V
BOTTOM
3.5V
2.0
3.0
4.0
5.0
6.0
7.0
VGS, Gate-to-Source Voltage (V)
1
10
100
1000
VDS = 25V
≤ 60μs PULSE WIDTH
TJ = 25°C
TJ = 175°C
1
10
100
VDS, Drain-to-Source Voltage (V)
0
4000
8000
12000
16000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
40
80
120
160
200
240
280
QG Total Gate Charge (nC)
0
4
8
12
16
VDS= 48V
VDS= 30V
ID= 170A
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 170A
VGS = 10V


Similar Part No. - IRFB3006PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB3006PBF IRF-IRFB3006PBF Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
IRFB3006PBF IRF-IRFB3006PBF_15 Datasheet
251Kb / 9P
   Hard Switched and High Frequency Circuits
More results

Similar Description - IRFB3006PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFB4410ZGPBF IRF-IRFB4410ZGPBF Datasheet
300Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com