Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4410ZGPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFB4410ZGPBF
Description  HEXFETPower MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4410ZGPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFB4410ZGPBF Datasheet HTML 1Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 2Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 3Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 4Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 5Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 6Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 7Page - International Rectifier IRFB4410ZGPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFB4410ZGPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.143mH
RG = 25Ω, IAS = 58A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 58A, di/dt ≤ 610A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.2
9.0
m
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.70
–––
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
83
120
nC
Qgs
Gate-to-Source Charge
–––
19
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
27
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
56
–––
td(on)
Turn-On Delay Time
–––
16
–––
ns
tr
Rise Time
–––
52
–––
td(off)
Turn-Off Delay Time
–––
43
–––
tf
Fall Time
–––
57
–––
Ciss
Input Capacitance
–––
4820
–––
pF
Coss
Output Capacitance
–––
340
–––
Crss
Reverse Transfer Capacitance
–––
170
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related) hÖ–– 420 –––
Coss eff. (TR) Effective Output Capacitance (Time Related)g
–––
690
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
97
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
390
A
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C
VR = 85V,
–––
46
69
TJ = 125°C
IF = 58A
Qrr
Reverse Recovery Charge
–––
53
80
nC TJ = 25°C
di/dt = 100A/µs
f
–––
82
120
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 58A
RG =2.7Ω
VGS = 10V f
VDD = 65V
ID = 58A, VDS =0V, VGS = 10V f
TJ = 25°C, IS = 58A, VGS = 0V f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA™
VGS = 10V, ID = 58A f
VDS = VGS, ID = 150µA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz, See Fig.5
VGS = 0V, VDS = 0V to 80V h, See Fig.11
VGS = 0V, VDS = 0V to 80V gÃ
Conditions
VDS = 10V, ID = 58A
ID = 58A
VGS = 20V
VGS = -20V


Similar Part No. - IRFB4410ZGPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFB4410ZG ISC-IRFB4410ZG Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFB4410ZGPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFSL4127PBF IRF-IRFSL4127PBF Datasheet
361Kb / 10P
   HEXFETPower MOSFET
IRLM6402GPBF IRF-IRLM6402GPBF Datasheet
184Kb / 8P
   HEXFETPower MOSFET
IRFB3006PBF IRF-IRFB3006PBF Datasheet
302Kb / 8P
   HEXFETPower MOSFET
IRF6620 IRF-IRF6620 Datasheet
180Kb / 8P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
IRF7452QPBF IRF-IRF7452QPBF_10 Datasheet
189Kb / 8P
   HEXFETPower MOSFET
IRL7833 IRF-IRL7833 Datasheet
268Kb / 12P
   HEXFETPower MOSFET
IRF3717 IRF-IRF3717 Datasheet
248Kb / 10P
   HEXFETPower MOSFET
IRF7855PBF IRF-IRF7855PBF Datasheet
232Kb / 8P
   HEXFETPower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com